công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PQFP100 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện PQFP100
Giải thích chi tiết về linh kiện  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 8Page - STMicroelectronics PQFP100 Datasheet HTML 9Page - STMicroelectronics PQFP100 Datasheet HTML 10Page - STMicroelectronics PQFP100 Datasheet HTML 11Page - STMicroelectronics PQFP100 Datasheet HTML 12Page - STMicroelectronics PQFP100 Datasheet HTML 13Page - STMicroelectronics PQFP100 Datasheet HTML 14Page - STMicroelectronics PQFP100 Datasheet HTML 15Page - STMicroelectronics PQFP100 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 429 page
background image
12/429
ST92F124/F150/F250 - GENERAL DESCRIPTION
Figure 6. ST92F124R9/R1: Pin Configuration (Top-view LQFP64)
WAIT/WKUP5/P5.0
WKUP6/WDOUT/P5.1
SIN/WKUP2/P5.2
WDIN/SOUT/P5.3
TXCLK/CLKOUT/P5.4
RXCL0/WKUP7/P5.5
DCD/WKUP8/P5.6
WKUP9/RTS/P5.7
WKUP4/P4.4
EXTRG/STOUT/P4.5
SDA/P4.6
WKUP1/SCL/P4.7
SS/P3.4
MISO/P3.5
MOSI/P3.6
SCK/WKUP0/P3.7
N.C
P6.5/WKUP10/INTCLK
P6.4/NMI
P6.3/INT3/INT5
P6.2/INT2/INT4
P6.0/INT0/INT1/CLOCK2/8
P0.7(/AIN7***)
P0.6(/AIN6***)
P0.5(/AIN5***)
P0.4(/AIN4***)
P0.3(/AIN3***)
P0.2(/AIN2***)
P0.1(/AIN1***)
P0.0(/AIN0***)
Reserved*
Reserved*
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24
29 30 31 32
25 26 27 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ST92F124R9/R1
17 18 19 20 21 22 23 24
29 30 31 32
25 26 27 28
* Reserved for ST tests, must be left unconnected
** VTEST must be kept low in standard operating mode
*** The ST92F150-EMU2 emulator does not emulate ADC channels from AIN0 to AIN7 and extended function tim-
ers because they are not implemented on the emulator chip. See also Section 13.8 on page 423
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More