công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCE-SD6000ESST bảng dữ liệu(PDF) 1 Page - PCE Instruments.

tên linh kiện PCE-SD6000ESST
Giải thích chi tiết về linh kiện  Pallet Scale PCE-SD 6000E SST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PCE [PCE Instruments.]
Trang chủ  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD6000ESST bảng dữ liệu(HTML) 1 Page - PCE Instruments.

  PCE-SD6000ESST Datasheet HTML 1Page - PCE Instruments. PCE-SD6000ESST Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pallet Scale PCE-SD 6000E SST
Calibratable stainless steel pallet scales up to 6,000 kg / Resolution from 0.1 kg/ 
Summing function / Tare weight storable / Piece counting function/ Limit value weighing
Optional: analog output 4-20 mA, 0-10 V, OC switch contacts, RS-232, USB, LAN
The stainless steel pallet scale is made entirely of high quality, acid resistant stainless steel. The weighing cells installed in the stainless steel
pallet scale have a protection class of IP68. The weighing surface of the stainless steel pallet scale is smooth and has no screw connections or
recesses so that the cleaning of the stainless steel pallet scale can be done quickly and reliably. The platform size of the stainless steel pallet
scale is available in different dimensions depending on the measuring range. The functions of the stainless steel pallet scale are summing
function, counting function, statistical function, animal weighing function, percentage weighing function, recipe weighing function, multiple
tare, storable tare value, gross - net weighing and adjustable weight limits MIN / MAX / OK. Furthermore, the stainless steel pallet scale can be
provided with interfaces, which can be used to monitor and control tasks. We offer bidirectional RS-232, USB, LAN, 4-20 mA analog interface,
0-10 V analogue interface and passive 3 floating contacts / OC. In industry special sizes or functions of the stainless steel pallet scale may be in
demand. For such applications we also offer individual solutions such as Level controls with SMS notification.
Approved for class MIII
Made entirely of high quality stainless steel
Protection class IP68 - IP65
Tolerance determination weight min / ok / max
Average weight determination
Sum up several weighings
Percent % comparison weighing
Filter (reaction time) adjustable
Animal weighing function
Piece counting function
A tare value storable
Formulation mixed weighing
Adjustable automatic shutdown
Gross / net button on the display
Menu freely adjustable
Optional: USB, LAN, 4-20 mA, 0-10 V, OC


Số phần tương tự - PCE-SD6000ESST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PCE Instruments.
PCE-SD6000E PCE-PCE-SD6000E Datasheet
180Kb / 2P
Pallet Scale PCE-SD 6000E
More results

Mô tả tương tự - PCE-SD6000ESST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADV7390 AD-ADV7390 Datasheet
2Mb / 96P
Low Power, Chip Scale 10-Bit SD/HD Video Encoder
10/06-Revision 0
logo
RFHIC
RRP2731080-39 RFHIC-RRP2731080-39 Datasheet
596Kb / 5P
Pulse Amp Pallet
RRP1214500-14 RFHIC-RRP1214500-14 Datasheet
691Kb / 6P
Pulse Amp Pallet
logo
Analog Devices
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
logo
RFHIC
RRP56571K0-41 RFHIC-RRP56571K0-41 Datasheet
1Mb / 4P
Pulse Amp Pallet
RYP24200-20S RFHIC-RYP24200-20S Datasheet
490Kb / 7P
CW Pallet Amplifier
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com