| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92F124 bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F124 bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 429 page ![]() 26/429 ST92F124/F150/F250 - GENERAL DESCRIPTION 1.5 Alternate Functions for I/O Ports All the ports in the following table are useable for general purpose I/O (input, output or bidirectional). Table 4. I/O Port Alternate Functions Port Name Pin No. Alternate Functions LQFP64 PQFP100 LQFP100 P0.0 - 57 54 A0/D0 I/O Address/Data bit 0 35 - - AIN01) I Analog Data Input 0 P0.1 - 58 55 A1/D1 I/O Address/Data bit 1 36 - - AIN11) I Analog Data Input 1 P0.2 - 59 56 A2/D2 I/O Address/Data bit 2 37 - - AIN21) I Analog Data Input 2 P0.3 - 60 57 A3/D3 I/O Address/Data bit 3 38 - - AIN31) I Analog Data Input 3 P0.4 - 61 58 A4/D4 I/O Address/Data bit 4 39 - - AIN41) I Analog Data Input 4 P0.5 - 62 59 A5/D5 I/O Address/Data bit 5 40 - - AIN51) I Analog Data Input 5 P0.6 - 63 60 A6/D6 I/O Address/Data bit 6 41 - - AIN61) I Analog Data Input 6 P0.7 - 66 63 A7/D7 I/O Address/Data bit 7 42 - - AIN71) I Analog Data Input 7 P1.0 - 45 42 A8 I/O Address bit 8 30 - - ICAPA01) I Ext. Timer 0 - Input Capture A OCMPA01) O Ext. Timer 0 - Output Compare A P1.1 - 46 43 A9 I/O Address bit 9 31 - - ICAPA11) I Ext. Timer 1- Input Capture A OCMPA11) O Ext. Timer 1- Output Compare A P1.2 - 47 44 A10 I/O Address bit 10 32 - - ICAPB11) I Ext. Timer 1- Input Capture B ICAPB01) I Ext. Timer 0- Input Capture B P1.3 - 48 45 A11 I/O Address bit 11 P1.4 - 51 48 A12 I/O Address bit 12 P1.5 - 52 49 A13 I/O Address bit 13 P1.6 - 53 50 A14 I/O Address bit 14 P1.7 - 54 51 A15 I/O Address bit 15 P2.0 18 33 30 TINPA0 I Multifunction Timer 0 - Input A P2.1 19 34 31 TINPB0 I Multifunction Timer 0 - Input B P2.2 20 35 32 TOUTA0 O Multifunction Timer 0 - Output A P2.3 21 36 33 TOUTB0 O Multifunction Timer 0 - Output B P2.4 22 37 34 TINPA1 I Multifunction Timer 1 - Input A 9 |