| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF1179 bảng dữ liệu(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF1179 bảng dữ liệu(HTML) 14 Page - NXP Semiconductors |
|
14 / 20 page ![]() 1997 Apr 16 14 Philips Semiconductors Product specification 4-digit duplex LCD car clock PCF1179C PACKAGE OUTLINE UNIT A max. A1 A2 A3 bp cD (1) E (1) (1) eHE LLp Q Z y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ mm inches 2.65 0.30 0.10 2.45 2.25 0.49 0.36 0.32 0.23 18.1 17.7 7.6 7.4 1.27 10.65 10.00 1.1 1.0 0.9 0.4 8 0 o o 0.25 0.1 DIMENSIONS (inch dimensions are derived from the original mm dimensions) Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 1.1 0.4 SOT136-1 91-08-13 95-01-24 X 14 28 w M θ A A1 A2 b p D HE L p Q detail X E Z c L v M A e 15 1 (A ) 3 A y 0.25 075E06 MS-013AE pin 1 index 0.10 0.012 0.004 0.096 0.089 0.019 0.014 0.013 0.009 0.71 0.69 0.30 0.29 0.050 1.4 0.055 0.42 0.39 0.043 0.039 0.035 0.016 0.01 0.25 0.01 0.004 0.043 0.016 0.01 0 5 10 mm scale SO28: plastic small outline package; 28 leads; body width 7.5 mm SOT136-1 |