công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

80C188 bảng dữ liệu(PDF) 2 Page - Intel Corporation

tên linh kiện 80C188
Giải thích chi tiết về linh kiện  Intel Dialogic Voice Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

80C188 bảng dữ liệu(HTML) 2 Page - Intel Corporation

  80C188 Datasheet HTML 1Page - Intel Corporation 80C188 Datasheet HTML 2Page - Intel Corporation 80C188 Datasheet HTML 3Page - Intel Corporation 80C188 Datasheet HTML 4Page - Intel Corporation 80C188 Datasheet HTML 5Page - Intel Corporation 80C188 Datasheet HTML 6Page - Intel Corporation 80C188 Datasheet HTML 7Page - Intel Corporation 80C188 Datasheet HTML 8Page - Intel Corporation 80C188 Datasheet HTML 9Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Configurations
The Intel® Dialogic® DIALOG/4 board shares a common
hardware and firmware architecture with other Intel voice
boards for maximum flexibility and scalability. You can
easily add new features and/or expand the size of the
system while protecting your original investment in hard-
ware and application code. Applications can be ported to
lower or higher line-density platforms with minimal modifi-
cations.
The DIALOG/4 board installs in IBM* PC XT*/AT* (ISA
bus) and compatible computers (PC platforms based on
the Intel386™, Intel486™, or Pentium® processors). The
DIALOG/4 board provides everything required for building
integrated voice solutions scalable from four to 64 ports.
Software Support
The Intel® Dialogic® DIALOG/4 board is supported by
System Software and SDKs for MS-DOS*, Windows NT*,
Windows* 95, and Linux*. These packages contain a set
of tools for developing complex multichannel applications.
2
Intel® Dialogic® DIALOG/4 Voice Board
Datasheet
PC
4
DIALOG/4
DIALOG/4
DIALOG/4
DIALOG/4
4
4
4
Telephone
Network
(analog loop
start lines)
Applications
■ Voice mail/voice messaging
■ Interactive voice response
■ Audiotex
■ Inbound and outbound telemarketing
■ Operator services
■ Dictation
■ Auto dialers
■ Notification systems



Html Pages

1 2 3 4 5 6 7 8 9