công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GWN7664 bảng dữ liệu(PDF) 1 Page - Grandstream Networks, Inc.

tên linh kiện GWN7664
Giải thích chi tiết về linh kiện  802.11ax 4x4:4 Wi-Fi 6 Access Point
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GRANDSTREAM [Grandstream Networks, Inc.]
Trang chủ  https://www.grandstream.com/
Logo GRANDSTREAM - Grandstream Networks, Inc.

GWN7664 bảng dữ liệu(HTML) 1 Page - Grandstream Networks, Inc.

  GWN7664 Datasheet HTML 1Page - Grandstream Networks, Inc. GWN7664 Datasheet HTML 2Page - Grandstream Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
802.11ax 4x4:4 Wi-Fi 6 Access Point
The GWN7664 is a powerful, enterprise-grade 802.11ax Wi-Fi 6 access point, ideal for small-to-medium sized
businesses, multiple floor buildings, residential settings and commercial locations. It offers dual-band 4x4:4 MUMIMO
with DL/UL OFDMA technology and a sophisticated internal antenna design for stronger anti-interference, more stable
connection, maximum network throughput and expanded Wi-Fi coverage range. The GWN7664 is supported by GWN.
Cloud and GWN Manager, Grandstream’s cloud and on-premise Wi-Fi management platform that and makes managing
your network or several networks across multiple locations easier than ever before. It also uses a controller-less
network management architecture in which the controller is embedded within the product’s web user interface for
easy administration of locally deployed Wi-Fi Aps. The GWN7664 is the ideal Wi-Fi AP for voice-over-Wi-Fi deployments
and offers a seamless connection with Grandstream’s Wi-Fi capable IP phones. With support for advanced QoS, low-
latency real-time applications, mesh networks, captive portals, 750+ concurrent clients and dual Gigabit network ports
with PoE/PoE+, the GWN7664 is an ideal Wi-Fi access point for business-grade wireless network deployments with
medium-to-high user density.
www.grandstream.com
GWN7664
3.55Gbps aggregate
wireless throughput,
2.5Gbps aggregate wired
throughout
Dual-band 4x4:4 MU-
MIMO with DL/UL OFDMA
technology
Self power adaptation
upon auto detection of
PoE or PoE+
Support 750+ concurrent
Wi-Fi client devices
Advanced QoS to ensure
real-time performance
of low-latency applications
Up to 175-meter coverage
range
Anti-hacking secure boot
and critical data/control
lockdown via digital
signatures, unique security
certificate/random default
password per device
Embedded controller
manages up to 50 local
GWN APs; GWN.Cloud
offers unlimited AP
management, & GWN
Manager offers on-premise
software AP management


Số phần tương tự - GWN7664

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Grandstream Networks, I...
GWN7664LR GRANDSTREAM-GWN7664LR Datasheet
620Kb / 2P
High-Performance Outdoor Long-Range Wi-Fi 6 Access Point
4.2022.02
More results

Mô tả tương tự - GWN7664

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Qorvo, Inc
QPF4526 QORVO-QPF4526 Datasheet
153Kb / 2P
Wi-Fi 6 Front End Module
QPF4588A QORVO-QPF4588A Datasheet
163Kb / 2P
Wi-Fi 6 Front End Module
QPF4551 QORVO-QPF4551 Datasheet
151Kb / 2P
Wi-Fi 6 Front End Module
QPF4288A QORVO-QPF4288A Datasheet
163Kb / 2P
Wi-Fi 6 Front End Module
QPF4211 QORVO-QPF4211 Datasheet
153Kb / 2P
Wi-Fi 6 Front End Module
logo
AVX Corporation
1000146 AVX-1000146 Datasheet
2Mb / 16P
Wi -Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Embedded Antenna
8/25/2022 Rev. 1
logo
Advantech Co., Ltd.
EKI-6333AC-2GD ADVANTECH-EKI-6333AC-2GD Datasheet
393Kb / 2P
IEEE 802.11 a/b/g/n/ac Wi-Fi Access Point
27-Jun-2022
logo
Lanner All Rights Reser...
LWR-X8460-DM LANNER-LWR-X8460-DM Datasheet
595Kb / 2P
High-Capacity Wi-Fi 6E Tri-Band Access Point
V4-2022.3.22
logo
Multi-Tech Systems, Inc...
86002252 MULTITECH-86002252 Datasheet
344Kb / 2P
Wi-Fi Access Point for CBRS Cellular Networks
2021-08
logo
Peregrine Semiconductor
PE565211 PSEMI-PE565211 Datasheet
870Kb / 10P
5–7 GHz 802.11ax SOI Wi-Fi Front-End Module
06/2021
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com