| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RG196/U bảng dữ liệu(PDF) 20 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
RG196/U bảng dữ liệu(HTML) 20 Page - ITT Industries |
|
20 / 39 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 124 RF Coaxial Connectors Assembly Instructions AI-632 SSIS Straight Jack Connectors, Direct Solder Type for Semi-Rigid Cable 1. Trim cable to dimension shown. Being careful not to nick center conductor. 2. Solder contact to center conductor, maintaining ‘B’ dimension. Remove excess solder from outside of contact. 3. Insert body and insulator sub-assembly completely into soldering fixture (050-000-0930). Insert cable assembly into rear of sub-assembly with the contact butting against the soldering fixture. Apply soft solder to rear of sub-assembly and heat to make solder connection. Remove assembly from fixture. CONTACT BODY ASSEMBLY AB 2,29 (.090) 0,25 ± 0,025 (.010 ± .001) |