công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RG178/U bảng dữ liệu(PDF) 24 Page - ITT Industries

tên linh kiện RG178/U
Giải thích chi tiết về linh kiện  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

RG178/U bảng dữ liệu(HTML) 24 Page - ITT Industries

Back Button RG178/U Datasheet HTML 20Page - ITT Industries RG178/U Datasheet HTML 21Page - ITT Industries RG178/U Datasheet HTML 22Page - ITT Industries RG178/U Datasheet HTML 23Page - ITT Industries RG178/U Datasheet HTML 24Page - ITT Industries RG178/U Datasheet HTML 25Page - ITT Industries RG178/U Datasheet HTML 26Page - ITT Industries RG178/U Datasheet HTML 27Page - ITT Industries RG178/U Datasheet HTML 28Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
128
CONTACT
BODY ASSEMBLY
RF Coaxial Connectors
Assembly Instructions
AI-770
SMA Flange Mount Connectors, Direct Solder Type for Semi-Rigid Cable
1. Strip cable to dimension shown, do not nick inner conductor.
2. Insert contact over inner conductor and push until it bottoms against the cable dielectric as shown.
Solder contact to inner conductor through solder hole. Trim excess of cable dielectric, if required.
3. Slide contact and cable into rear of body assembly until it seats firmly against insulator in body.
Solder cable to body applying sufficient heat to body for solder to flow, but using minimum heat
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39