công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

274-2ABE-01 bảng dữ liệu(PDF) 17 Page - List of Unclassifed Manufacturers

tên linh kiện 274-2ABE-01
Giải thích chi tiết về linh kiện  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

274-2ABE-01 bảng dữ liệu(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 274-2ABE-01 Datasheet HTML 13Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 14Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 15Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 16Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 17Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 18Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 19Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 20Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
76
77
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
641 SERIES
MAXIMUM PERFORMANCE NATURAL CONVECTION HEAT
SINK FOR ALL METAL-CASE SEMICONDUCTORS
601 & 603 SERIES
LOW-HEIGHT HEAT SINKS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
SEMICONDUCTOR MOUNTING HOLES
601 SERIES
(
EXTRUSION PROFILE 1284)
603 SERIES
(EXTRUSION PROFILE 1284)
K
E
F
Dimensions: in. (mm)
Dimensions: in. (mm)
641 SERIES
(EXTRUSION PROFILE 1371)
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
SEMICONDUCTOR MOUNTING HOLES
A
K
Outline
Mounting
Standard
Dimensions
Height
Hole
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Pattern
Convection
Convection
lbs. (grams)
641A
4.125 (104.8) x 3.000 (76.2)
1.000 (25.4)
(1) TO-3
36°C @ 15W
0.9°C/W @ 250 LFM
0.2900 (131.54)
641K
4.125 (104.8) x 3.000 (76.2)
1.000 (25.4)
None
36°C @ 15W
0.9°C/W @ 250 LFM
0.2900 (131.54)
Material: Aluminum Alloy, Black Anodized.
Available with a standard TO-3 mounting hole pattern predrilled for cost-effective mounting in limited-height
applications, the
641 Series provides maximum performance in natural convection with an optimized heat sink
surface area. The 641K type with an open channel area of 1.300 in. (33.0) and no predrilled mounting holes can
be adapted to meet mounting requirements for most metal case power semiconductor types.
MECHANICAL DIMENSIONS
MECHANICAL DIMENSIONS
Thermal Performance at Typical Load
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
DO-4/DO-5 Diodes
TO-3
Thermal Resistance
Part Number Description Length Width @ Forced Air Flow
678-39-S
Universal Heat Sink for TO Devices w/Screw Hole,
1.520"
2.362"
0.6°C/W @ 600 LFM
Black Anodize
(38.61mm) (60.00mm)
678-39-C
Universal Heat Sink for TO Devices w/ Clip,
1.520"
2.362"
0.6°C/W @ 600 LFM
Black Anodize
(38.61mm) (60.00mm)
UNIVERSAL 678 SERIES VERTICAL HEAT SINK FOR POWER DEVICES
Wakefield-Vette introduces
Universal 678 series, high performance, low cost and versatile heat sink
with screw or clip for all kinds of standard packages. This type of heat sink provides both vertical and
horizontal mounting options on PCB to accommodate natural and forced convection cooling method.
• Minimum assembly cost and labor - Spring Clips make
the mounting holes and fasteners obsolete in assembly
operations & reduce costs.
• Design Flexibility - Universal mountable and “one fits all”
give designers total freedom to fit their packaging designs
with ideal device pack style and to orient the heat sink to
meet their power dissipations with optimized cooling method.
(see page 7 of data sheet).
FEATURES AND BENEFITS
• Heat Sink: Aluminum Alloy 6063-T5 or Equivalent with
either degreased or black anodized finish
• Spring Clip: Music Wire, Per ASTM A228 with bright
nickel plating
• Solder Foot: Cold-rolled Steel, Per ASTM A-366 with
pure tin over copper strike. RoHS compliant.
• Insulator (Optional): t-Global H48-1, L37-3F and
H48-6S. The thickness of the insulating material not to
exceed 10 mil (0.01”).
SPECIFICATIONS
MECHANICAL DIMENSIONS
THERMAL PERFORMANCE
678-39-S & 678-39-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com