công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD78F0547 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện PD78F0547
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

PD78F0547 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PD78F0547 Datasheet HTML 3Page - List of Unclassifed Manufacturers PD78F0547 Datasheet HTML 4Page - List of Unclassifed Manufacturers PD78F0547 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD78F0547 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD78F0547 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD78F0547 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD78F0547 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD78F0547 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD78F0547 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
6. Outline of Functions of KF2
µ PD78F0544
µ PD78F0545
µ PD78F0546
µ PD78F0547
Flash Memory
48 K
60 K
96 K
128 K
Bank
-
-
4
6
Internal
Memory
(Byte)
High Speed RAM
1K
Extend RAM
1 K
2 K
4 K
6 K
Ceramic/Crystal
- 2 to 20 MHz: VDD = 4.0 to 5.5 V
- 2 to 10 MHz: VDD = 2.7 to 5.5 V
- 2 to 5 MHz: VDD = 1.8 to 5.5 V
Main
System
Clock
Internal Ring-OSC - 8 MHz(TYP.)
Sub System Clock
- 32.768 kHz(TYP.)
Internal Low Speed Ring-OSC
(For TMH1, WDT)
- 240 kHz(TYP.)
Minimum Instruction Cycle
- 0.1
µ s (Ceramic/ Crystal Operation fXH = 20 MHz VDD = 4.0 to 5.5 V)
I/O
Total
:71
- CMOS I/O
:66
- CMOS Out
:1
- N-ch O.D.
:4
Timer
- 16 Bit Timer/Event Counter:2ch
- 8 Bit Timer/Event Counter:2ch
- 8 bit Timer:2ch
- Watch Timer:1ch
- Watch Dog Timer:1ch
Timer Output
-6(PWM:4)
PCL output
- 156.25kHz, 312.5kHz, 615kHz, 1.25MHz, 2.5MHz, 5MHz, 10MHz (fPRS = 20 MHz)
Buzzer Output
- 2.44 kHz, 4.88 kHz, 9.77 kHz, 19.54 kHz(fPRS = 20 MHz)
A/D Converter
- 10bit x 8ch
Serial Interface
- UART (with LIN-bus):1ch
- CSI/ UART:1ch
- CSI:1ch
-Auto-CSI: 1chI
- I
2
C:1ch
Multiplier/Divider
16bitx16bit, 32bit/8bit
Internal
20
Interrupt
External
9
Key Return
8ch
On Chip Debug Function
Product name is undecided.
Voltage Range
VDD = 1.8 to 5.5 V
Operation temperature
Ta = -40
°C to +85°C
Package
- 80pin LQFP(12x12) 0.5mm pitch
- 80pin QFP(14x14) 0.65mm pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com