| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCD5096H bảng dữ liệu(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD5096H bảng dữ liệu(HTML) 34 Page - NXP Semiconductors |
|
34 / 52 page ![]() 1997 Jan 22 34 Philips Semiconductors Preliminary specification Universal codec PCD5096 12.2 Large business systems For large business systems, local loop and public access systems, several PCD5096 codecs can be connected together utilizing the serial bus system. A digital cordless base station for large business systems typically consists of a baseband processor, radio interface and a number of universal codecs interfacing to local lines, PSTN lines and to the local corded handset/hands-free interface. A diagram of this configuration is shown in Fig.20. The universal codec can connect to different applications in a typical large business system. They are as follows: 1. PSTN Line Interface 2. Speaker phone with hands-free feature 3. Local Line Interface. In these applications the additional processing required for conference calling is performed either in the host baseband processor, or in the universal codecs. For further details about these three applications consult the “PCD5096 DSP user manual”. Fig.20 Large business system. handbook, full pagewidth MBH858 DSP PCD5096 IOM I2C 2 x PSTN Fax RADIO CIRCUIT DTAM HIGH-END SYSTEM PROCESSOR PPa, PPb IOM I2C A D A D DSP PCD5096 IOM I2C A D A D DSP PCD5096 IOM I2C A D A D DSP PCD5096 IOM I2C A local lines local lines D A D |