| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BAS40H bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAS40H bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 21 page ![]() BAS40_1PSXXSB4X_SER_7 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 07 — 12 May 2006 5 of 21 Philips Semiconductors BAS40 series; 1PSxxSB4x series General-purpose Schottky diodes 3. Ordering information Table 4. Ordering information Type number Package Name Description Version 1PS70SB40 SC-70 plastic surface-mounted package; 3 leads SOT323 1PS76SB40 SC-76 plastic surface-mounted package; 2 leads SOD323 1PS79SB40 SC-79 plastic surface-mounted package; 2 leads SOD523 BAS40 - plastic surface-mounted package; 3 leads SOT23 BAS40H - plastic surface-mounted package; 2 leads SOD123F BAS40L - leadless ultra small plastic package; 2 terminals; body 1.0 × 0.6 × 0.5 mm SOD882 BAS40W SC-70 plastic surface-mounted package; 3 leads SOT323 1PS70SB44 SC-70 plastic surface-mounted package; 3 leads SOT323 BAS40-04 - plastic surface-mounted package; 3 leads SOT23 BAS40-04W SC-70 plastic surface-mounted package; 3 leads SOT323 1PS70SB45 SC-70 plastic surface-mounted package; 3 leads SOT323 1PS75SB45 SC-75 plastic surface-mounted package; 3 leads SOT416 BAS40-05 - plastic surface-mounted package; 3 leads SOT23 BAS40-05W SC-70 plastic surface-mounted package; 3 leads SOT323 1PS70SB46 SC-70 plastic surface-mounted package; 3 leads SOT323 BAS40-06 - plastic surface-mounted package; 3 leads SOT23 BAS40-06W SC-70 plastic surface-mounted package; 3 leads SOT323 BAS40-07 - plastic surface-mounted package; 4 leads SOT143B BAS40-07V - plastic surface-mounted package; 6 leads SOT666 BAS40-05V - plastic surface-mounted package; 6 leads SOT666 1PS88SB48 SC-88 plastic surface-mounted package; 6 leads SOT363 BAS40XY SC-88 plastic surface-mounted package; 6 leads SOT363 |