| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT83C5136-RDTUL bảng dữ liệu(PDF) 29 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83C5136-RDTUL bảng dữ liệu(HTML) 29 Page - ATMEL Corporation |
|
29 / 171 page ![]() 29 AT83C5134/35/36 7683B–USB–03/07 ROM Lock System The program Lock system, when programmed, protects the on-chip program against software piracy. Program ROM lock Bits The lock bits when programmed according to Table 34 will provide different level of pro- tection for the on-chip code and data. U: unprogrammed P: programmed Table 34. Program Lock bits Program Lock Bits Protection Description Security level LB1 LB0 1 U U No program lock feature enabled. 3 P U Reading ROM data from programmer is disabled. |