| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS10H536F16MIL bảng dữ liệu(PDF) 2 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS10H536F16MIL bảng dữ liệu(HTML) 2 Page - Austin Semiconductor |
|
2 / 5 page ![]() Uni Uni Uni Uni Univvvvver er er er ersal He sal He sal He sal He sal Hexadecimal xadecimal xadecimal xadecimal xadecimal Counter Counter Counter Counter Counter AS10H536 Austin Semiconductor, Inc. AS10H536 Rev. 3.0 10/02 AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 2 FUNCTION PIN # BURN-IN (CONDITION C) VCC1 1 GND Q2 2 51 Ω to VTT Q3 3 51 Ω to VTT COUT\ 4 51 Ω to VTT D3 5 GND D2 6 GND S2 7 OPEN VEE 8 VEE S1 9 OPEN CIN\ 10 OPEN D1 11 GND D0 12 GND CLK 13 CP1 Q0 14 51 Ω to VTT Q1 15 51 Ω to VTT VCC2 16 GND PIN ASSIGNMENTS (Ceramic DIP) PIN ASSIGNMENTS (Ceramic FP) FUNCTION PIN # BURN-IN (CONDITION C) CLK 1 CP1 Q0 2 51 Ω to VTT Q1 3 51 Ω to VTT VCC2 4 GND VCC1 5 GND Q2 6 51 Ω to VTT Q3 7 51 Ω to VTT COUT\ 8 51 Ω to VTT D3 9 GND D2 10 GND S2 11 OPEN VEE 12 VEE S1 13 OPEN CIN\ 14 OPEN D1 15 GND D0 16 GND ORDERING INFORMATION *AVAILABLE PROCESSES MIL = Military Processing -55oC to +125oC EXAMPLE: AS10H536C16MIL Device Number Package Type Pin Count Process* AS10H536 C 16 MIL AS10H536 F 16 MIL |