| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT91 bảng dữ liệu(PDF) 83 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91 bảng dữ liệu(HTML) 83 Page - ATMEL Corporation |
|
83 / 153 page ![]() 83 AT91X40 Series 1354D–ATARM–08/02 PIO Input Filter Enable Register Register Name:PIO_IFER Access Type:Write Only Offset: 0x20 This register is used to enable input glitch filters. It affects the pin whether or not the PIO is enabled. The register is pro- grammed as follows: 1 = Enables the glitch filter on the corresponding pin. 0 = No effect. PIO Input Filter Disable Register Register Name:PIO_IFDR Access Type:Write Only Offset: 0x24 This register is used to disable input glitch filters. It affects the pin whether or not the PIO is enabled. The register is pro- grammed as follows: 1 = Disables the glitch filter on the corresponding pin. 0 = No effect. 31 30 29 28 27 26 25 24 P31 P30 P29 P28 P27 P26 P25 P24 23 22 21 20 19 18 17 16 P23 P22 P21 P20 P19 P18 P17 P16 15 14 13 12 11 10 9 8 P15 P14 P13 P12 P11 P10 P9 P8 76 54 32 10 P7 P6 P5 P4 P3 P2 P1 P0 31 30 29 28 27 26 25 24 P31 P30 P29 P28 P27 P26 P25 P24 23 22 21 20 19 18 17 16 P23 P22 P21 P20 P19 P18 P17 P16 15 14 13 12 11 10 9 8 P15 P14 P13 P12 P11 P10 P9 P8 76 54 32 10 P7 P6 P5 P4 P3 P2 P1 P0 |