| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCD5002 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD5002 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 48 page ![]() 1997 Jun 24 4 Philips Semiconductors Product specification Advanced POCSAG and APOC-1 Paging Decoder PCD5002 6 BLOCK DIAGRAM Fig.1 Block diagram. handbook, full pagewidth MGD081 SYNTHESIZER CONTROL ZSD ZSC ZLE 26 27 28 RECEIVER CONTROL RXE ROE 24 25 DATA FILTER AND CLOCK RECOVERY RDI 23 MAIN DECODER DECODING DATA CONTROL POCSAG SYNCHRONIZATION EEPROM CONTROL EEPROM RAM CONTROL RAM RESET SET-UP I C-BUS CONTROL 2 REGISTERS AND INTERRUPT CONTROL ALERT GENERATION AND CONTROL VOLTAGE DOUBLER AND LEVEL SHIFTER PCD5002 TIMER REFERENCE MASTER DIVIDER CLOCK CONTROL TEST CONTROL OSCILLATOR 3 DON 16 TS1 20 TS2 18 XTAL1 17 XTAL2 V DD V SS 12, 29 11 RST 7 SDA 9 SCL 10 INT 5 BAT 21 LED 31 ATL 1 ATH 32 ALC 2 REF 4 CCN 15 CCP 14 V 13 V 8 VIB 30 PO PR |