công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W39V080FAPZ bảng dữ liệu(PDF) 17 Page - Winbond

tên linh kiện W39V080FAPZ
Giải thích chi tiết về linh kiện  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FAPZ bảng dữ liệu(HTML) 17 Page - Winbond

Back Button W39V080FAPZ Datasheet HTML 13Page - Winbond W39V080FAPZ Datasheet HTML 14Page - Winbond W39V080FAPZ Datasheet HTML 15Page - Winbond W39V080FAPZ Datasheet HTML 16Page - Winbond W39V080FAPZ Datasheet HTML 17Page - Winbond W39V080FAPZ Datasheet HTML 18Page - Winbond W39V080FAPZ Datasheet HTML 19Page - Winbond W39V080FAPZ Datasheet HTML 20Page - Winbond W39V080FAPZ Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
W39V080FA
Publication Release Date: Dec. 13, 2005
- 17 -
Revision A5
6.19 Software Product Identification and Boot Block Lockout Detection Acquisition
Flow
Product
Identification
Entry (1)
Load data 55
to
address 2AAA
Load data 90
to
address 5555
Pause 10 S
Product
Identification
and Boot Block
Lockout Detection
Mode (3)
Read address = 00000
data = DA
Read address = 00001
data = D3
Read address = FFFF2
Check DQ[3:0] of data
outputs
(4)
Product
Identification Exit(6)
Load data 55
to
address 2AAA
Load data F0
to
address 5555
Normal Mode
(5)
(2)
(2)
Load data AA
to
address 5555
μ
Load data AA
to
address 5555
Pause 10 S
μ
Notes for software product identification/boot block lockout detection:
(1) Data Format: DQ7
−DQ0 (Hex); Address Format: A14−A0 (Hex)
(2) A1
−A19 = VIL; manufacture code is read for A0 = VIL; device code is read for A0 = VIH.
(3) The device does not remain in identification and boot block lockout detection mode if power down.
(4) The DQ[3:2] to indicate the sectors protect status as below:
DQ2
DQ3
0
64Kbytes Boot Block Unlocked by
#TBL
hardware trapping
Whole Chip Unlocked by #WP hardware
trapping Except Boot Block
1
64Kbytes Boot Block Locked by #TBL
hardware trapping
Whole Chip Locked by #WP hardware trapping
Except Boot Block
(5) The device returns to standard operation mode.
(6) Optional 1-write cycle (write F0 (hex.) at XXXX address) can be used to exit the product identification/boot block lockout
detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com