công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCD3316T bảng dữ liệu(PDF) 19 Page - NXP Semiconductors

tên linh kiện PCD3316T
Giải thích chi tiết về linh kiện  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316T bảng dữ liệu(HTML) 19 Page - NXP Semiconductors

Back Button PCD3316T Datasheet HTML 15Page - NXP Semiconductors PCD3316T Datasheet HTML 16Page - NXP Semiconductors PCD3316T Datasheet HTML 17Page - NXP Semiconductors PCD3316T Datasheet HTML 18Page - NXP Semiconductors PCD3316T Datasheet HTML 19Page - NXP Semiconductors PCD3316T Datasheet HTML 20Page - NXP Semiconductors PCD3316T Datasheet HTML 21Page - NXP Semiconductors PCD3316T Datasheet HTML 22Page - NXP Semiconductors PCD3316T Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
19 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
FSK receiver (pins FSKIN+ and FSKIN
−)
Zi
input impedance FSKIN+ to FSKIN
−−
1.4
−
M
Ω
Zsource(max) maximum source impedance
−−
200
k
Ω
Pi(FSKIN)
input signal power
in 600
Ω load
[8]
−50
−
0
dBm
S/NFSK
signal-to-noise ratio
200 to 3400 Hz
20
−−
dB
|Vdif|
differential voltage between mark and
space (twist)
−−
10
dB
f(D)
data transmission rate frequency
1180
1200
1212
bits/s
fs
space frequency
2068
−
2222
Hz
fm
mark frequency
1188
−
1320
Hz
CAS detector (pin CASIN)
Zi
input impedance CASIN to Vref
−
1.4
−
M
Ω
Zsource(max) maximum source impedance
−−
200
k
Ω
Pi
input signal power
in 600
Ω load
[8]
−37.8
−
0
dBm
THns(CAS)
no signal threshold (CAS)
in 600
Ω load
−43.8
−−37.8
dBm
fl
low tone frequency
−
2130
−
Hz
fh
high tone frequency
−
2750
−
Hz
∆fmax
maximum frequency deviation
[9]
−0.5
−
+0.5
%
Vdif
differential voltage level (twist)
[9]
−−
6dB
tdt
dual tone detection time
60
−−
ms
I2C-bus interface (pins SCL and SDA) [10]; see Figure 14
VIL
LOW-level input voltage
[11] 0
−
0.3VDD V
VIH
HIGH-level input voltage
[11] 0.7VDD −
VDD
V
IOL1
LOW-level output current for pin SDA
VO(SDA) = 0.4 V
2
−−
mA
Ci
input capacitance for each I/O pin
−−
10
pF
fSCL
SCL clock frequency
−−
100
kHz
tBUF
bus free time
4.7
−−
µs
tSU;STA
START condition set-up time
4.7
−−
µs
tHD;STA
START condition hold time
4.0
−−
µs
tLOW
SCL LOW time
4.7
−−
µs
tHIGH
SCL HIGH time
4.0
−−
µs
tr
maximum SCL and SDA rise time
[12]
−−
1000
ns
tf
maximum SCL and SDA fall time
[12]
−−
300
ns
tSU;DAT
data set-up time
250
−−
ns
tHD;DAT
data hold time
0
−−
ns
tVD;DAT
SCL LOW to data out valid time
−−
3.4
µs
tSU;STO
STOP condition set-up time
4.0
−−
µs
Table 18: Characteristics…continued
VDD = 2.5 to 3.6 V; Tamb = −25 to +70 °C; HXIN = 3.579545 MHz ±0.05%; LXIN = 32.768 kHz ±0.1%; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30