công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZF577 bảng dữ liệu(PDF) 20 Page - List of Unclassifed Manufacturers

tên linh kiện ZF577
Giải thích chi tiết về linh kiện  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ZF577 bảng dữ liệu(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ZF577 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
37
Mechanical pressure switches
S2 type series
S2 type series
Examples of use for two-stage pressure switches
Pressure monitoring and controlling can be greatly simplified by using pressure monitors with two
built-in microswitches which can be made to operate one after the other under rising or falling
pressure. For example, minimum and maximum pressure monitoring can be achieved with only
one pressure switch, doing away with the need for a second pressure switch (including the cost of
installation). Step switching, e.g. pressure-dependent control of a two-stage pump, is of course also
possible using this special series.
Example 1:
Requirement
Pressure holding devices and automatic expansion valves usually have a gas cushion whose pressure
must be kept constant within a certain range. If the pressure is too low, a compressor is switched on.
If the pressure is too high, a solenoid valve must be opened to vent the gas. Between these two
levels is a neutral zone, in which the compressor and the solenoid valve are at rest.
Solution
All pressure switches of types DCM, DNS, each with additional function ZF217 and switching scheme
A 2, are suitable. All pressure ranges listed in the technical documents are possible. Example for
ordering: see page 24
Switching function / connection scheme
Switch I:
With falling pressure, contact 1–2 closes (compressor on)
With rising pressure, contact 1–2 opens (compressor off)
Switch II:
With rising pressure, contact 2–3 closes (valve open)
With falling pressure, contact 2–3 opens (valve closed).
In between there is a neutral zone in which the compressor is not switched on
and the solenoid coil is not energized (off position).
Example 2:
Requirement
In a process engineering system, the pressure in a nitrogen line has to be monitored. A green signal
lamp indicates that the pressure in the line is between 2.2 and 2.6 bar. If the pressure goes below 2.2
bar or above 2.6 bar, the indicator lamp goes out and the system shuts down.
Solution
The first contact of a DCM3–307 pressure switch with 2 microswitches opens under falling pressure
at 2.2 bar; the second microswitch opens under rising pressure at 2.6 bar. If the pressure is >2.2 bar
or <2.6 bar, the circuit is closed via both microswitches and the signal lamp is lit.
Minimum and maximum pressu-
re monitoring in a nitrogen line
For pressure-dependent control
of automatic expansion valves
and pressure holding devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com