công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3A13 bảng dữ liệu(PDF) 20 Page - List of Unclassifed Manufacturers

tên linh kiện 3A13
Giải thích chi tiết về linh kiện  TYPE CERTIFICATE DATA SHEET NO. 3A13
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

3A13 bảng dữ liệu(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 3A13 Datasheet HTML 16Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 17Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 18Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 19Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 20Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 21Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 22Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 23Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
3A13
Page 20 of 37
Rev. 66
Data Pertinent to Model Items I through XII, continued
Model T182
Part 3 of the Civil Air Regulations dated November 1, 1949, as amended by 3-1 through
3-12 and Paragraph 3.112 as amended October 1, 1959; and Sections 23.901, 23.909,
23.1041, 23.1043, 23.1143, and 23.1305 of the Federal Aviation Regulations dated
February 1, 1965, as amended February 14, 1975; FAR 23.1559 effective March 1, 1978;
FAR 36 dated December 1, 1969, plus Amendments 36-1 through 36-10. In addition,
effective S/N 18268435 through 18268541, FAR 23.1545(a) Amendment 23-23 dated
December 1, 1978.
Model R182
Part 3 of the Civil Air Regulations dated November 1, 1949, as amended by 3-1 through
3-12 and Paragraph 3.112 as amended October 1, 1959; and Sections 23.729, 23.777(e),
23.781, 23.1555(e)(1) and (2), and 23.1563 of the Federal Aviation Regulations dated
February 1, 1965, as amended February 14, 1975. In addition, effective
S/N R18200001, R18200584 and up, FAR 23.1559 effective March 1, 1978. FAR 36
dated December 1, 1969, plus Amendments 36-1 through 36-6. In addition, effective
S/N R18202000 through R18202041, FAR 23.1545(a) Amendment 23-23 dated
December 1, 1978.
Model TR182
Part 3 of the Civil Air Regulations dated November 1, 1949, as amended by 3-1 through
3-12 and Paragraph 3.112 as amended October 1, 1969; and Sections 23.729, 23.777(e),
23.781, 23.901, 23.909, 23.1041, 23.1043, 23.1143, 23.1305, 23.1555(e)(1) and (2), and
23.1563 of the Federal Aviation Regulations dated February 1, 1965, as amended
February 14, 1975; FAR 23.1559 effective March 1, 1978; FAR 36 dated December 1,
1969, plus Amendments 36-1 through 36-9. In addition, effective S/N R18202000
through R18202041, FAR 23.1545(a) Amendment 23-23 dated December 1, 1978.
Application for Type Certificate dated July 11, 1955.
Type Certificate No. 3A13 issued March 2, 1956, obtained by the
manufacturer under delegation option procedures.
Equivalent Safety Items:
S/N 18263479, 18264296 through 18267715
Airspeed Indicator
CAR 3.757 (See NOTE 5 on use of IAS)
Operating Limitations
CAR 3.778(a)
S/N 18267716 through 18268586
Airspeed Indicator
CAR 3.757 (See NOTE 5 on use of IAS)
(S/N 18267716 through 18268434)
Operating Limitations
CAR 3.778(a)
Fuel System
CAR 3.430
S/N R18200001 through R18202041
Airspeed Indicator
CAR 3.757 (See NOTE 5 on use of IAS)
(S/N R18200001 through R18201999)
Operating Limitations
CAR 3.778(a)
Fuel System
CAR 3.430
Production Basis
Production Certificate No. 4. Delegation Option Manufacturer No. CE-1 authorized to
issue airworthiness certificates under delegation option provisions of Part 21 of the
Federal Aviation Regulations.
Equipment:
The basic required equipment as prescribed in the applicable airworthiness
requirements (see Certification Basis) must be installed in the aircraft for certification.
This equipment must include a current Airplane Flight Manual effective S/N 18266591
through 18268586 and R18200584 through R18202041. In addition, the following item
of equipment is required:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37