| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA8515 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8515 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 64 page ![]() 1995 Jan 19 8 Philips Semiconductors Preliminary specification Stand-alone OSD PCA8515 Fig.3 I2C-bus write timing diagram - data stream. handbook, full pagewidth S Slave address Ack Ack 8 7 08 7 0 1st data byte 2nd data byte 0 1 1 1 1 0 0 nth data byte W Ack 8 7 0 Ack 8 07 P bit 0 MRA818 LSB MSB BS I C-bus bit stream 2 O bit 7 Command Register data Fig.4 High-speed I/O format. handbook, full pagewidth MLB395 - 1 ,, ,, ,, ,, ,, ,, ,, Ts rising edge of SCLK SIN sampled Th falling edge of SCLK D changes (from HIO master and connected to SIN pin of HIO slave) Ts D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 SIN SCLK E ,, ,, ,, ,, ,, ,, D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 OUT SCLK D OUT (1) Ts ≥ 1 µs; Th ≥ 1 µs. |