công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA8514 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện PCA8514
Giải thích chi tiết về linh kiện  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8514 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button PCA8514 Datasheet HTML 4Page - NXP Semiconductors PCA8514 Datasheet HTML 5Page - NXP Semiconductors PCA8514 Datasheet HTML 6Page - NXP Semiconductors PCA8514 Datasheet HTML 7Page - NXP Semiconductors PCA8514 Datasheet HTML 8Page - NXP Semiconductors PCA8514 Datasheet HTML 9Page - NXP Semiconductors PCA8514 Datasheet HTML 10Page - NXP Semiconductors PCA8514 Datasheet HTML 11Page - NXP Semiconductors PCA8514 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
1995 Nov 27
8
Philips Semiconductors
Product specification
Stand-alone OSD
PCA8514
Fig.3 I2C-bus write timing diagram - data stream.
handbook, full pagewidth
S
Slave address
Ack
Ack
8
7
08
7
0
1st data byte
2nd data byte
0 1 1 1 1 0 0
nth data byte
W
Ack
8
7
0
Ack
8
07
P
bit 0
MRA818
LSB
MSB
BS
I C-bus
bit stream
2
O
bit 7
Command
Register data
Fig.4 High-speed I/O format.
handbook, full pagewidth
MLB395 - 1
,,
,,
,,
,,
,,
,,
,,
Ts rising edge of SCLK
SIN sampled
Th
falling edge of SCLK
D
changes
(from HIO master and
connected to SIN pin of
HIO slave)
Ts
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
SIN
SCLK
E
,,
,,
,,
,,
,,
,,
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
OUT
SCLK
D
OUT
(1) Ts ≥ 1 µs; Th ≥ 1 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64