| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCE-WNM100 bảng dữ liệu(PDF) 1 Page - PCE Instruments. |
|
|
|||||||||||||||||||||||||||||
PCE-WNM100 bảng dữ liệu(HTML) 1 Page - PCE Instruments. |
|
1 / 2 page ![]() Whiteness Meter PCE-WNM 100 Whiteness Meter PCE-WNM 100 White meter / Measuring range up to 120 / LC display / Interface / Li-Ion battery The PCE-WNM 100 whiteness meter is used to measure the whiteness of flat surfaces or powders. In particular, the whiteness meter can be used to measure the white of textile prints, dyes, building materials, cardboard and paper as well as plastics. It can also be used to measure all other surfaces. The whiteness measuring device consists of a light source and an optical measuring system, which measures the reflection of the light and thus determines the whiteness of the surface according to ISO R457 (ISO 2469). The whiteness meter can be used directly after an initial calibration on the supplied white standard. A memory of up to 245 measurement data allows a logging of the measured values. The measuring device can be connected to the PC via the serial interface. This makes it possible to log live the measurement data from the whiteness meter. 457 nm LED lighting 45/0 measuring geometry For many surfaces and materials LC display Li-ion battery Serial interface |
Số phần tương tự - PCE-WNM100 |
|
Mô tả tương tự - PCE-WNM100 |