| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IPS-ZX bảng dữ liệu(PDF) 2 Page - Zoran Corporation |
|
|
|||||||||||||||||||||||||||||
IPS-ZX bảng dữ liệu(HTML) 2 Page - Zoran Corporation |
|
2 / 2 page ![]() Driving the Digital Lifestyle Driving the Digital Lifestyle IPS Zx Renderer The IPS Zx client-side high-resolution, continuous-tone renderer can be easily integrated into an existing driver using the Zx rendering plug-in or can be implemented in a new driver using the Zx SDK. This renderer creates contone Zx data streams at a rate of hundreds of pages per minute on standard PCs. These data streams and can be transmitted quickly to networked devices. In addition, as resolution and bit depth increase, the size of the Zx data streams increases at a much lower rate compared to traditional raster solutions, allowing for quick transmission at even the highest resolution and bit depth settings. IPS Zx Interpreter The IPS Zx interpreter is integrated into Zoran’s powerful and flexible foundation technology—(IPS)—to offer a total solution for high performance printers and multifunction peripherals. The interpreter can be embedded into controllers running other PDLs with no increased footprint. In addition, the interpreter can be embedded into controllers dedicated to raster printing with minimal CPU, ROM, and RAM requirements. IPS Zx requires no specialized decoding hardware on the controller, allowing for efficient controller processing and simple design. The IPS Zx interpreter offers the fastest raster solution available, printing at rated engine speed for nearly all documents. Color and monochrome laser printers and multifunction peripherals of nearly any speed are not limited by the interpreter’s speed while processing Zx data streams. Zoran Engineering Support Services Zoran offers Source Code Maintenance and Engineering Support Programs that can shorten development cycles and ensure that the latest Zx language features are available as new operating system versions and controllers are developed. The IPS Zx source code license includes technical support, software integration training and source code maintenance. The Source Code Maintenance Program provides extended source code maintenance and technical consulting, including informative technical bulletins and software patches and updates. Zoran's Engineering Support Program provides direct software integration assistance and design recommendations to optimize the quality, feature set and performance of the interface between the Zx interpreter and the controller. In addition the program provides assistance and design recommendations to optimize the features and UI of a driver developed using the Zx SDK. OEMs can also work with a Zoran-authorized development partner. These companies have experience in Zoran's IPS integration and can offer fixed-cost, turnkey controller development or consulting for a range of controller and driver configurations and print engines. 09/06-MMCP Imaging-IPS Zx-PB-1.1 IPS Zx Complete Raster Solution Product Brief Description (continued) © Copyright 2006 Zoran Corporation. All rights reserved. Zoran, the Zoran logo, Quatro and IPS are trademarks of Zoran Corporation. Zx and ZxStream are pending trademarks of Zeonographics. All other names used are owned by their respective owners. Zoran Corporation makes no guarantee concerning the accuracy of the information contained herein and further does not guarantee that the use of such information will not infringe the rights of any third party. Zoran will not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon, the information. Zoran reserves the right to make changes in the product and/or specifications presented herein at any time without notice. Zoran Corporation www.zoran.com imaging.usa@zoran.com • imaging.japan@zoran.com • imaging.taiwan@zoran.com • imaging.korea@zoran.com Specifications Print Resolutions • 600 dpi, 1200 dpi, 2400 dpi Bit Depths • 1, 2, 4, 8, 26, and 32-bit per primary pixel depths Embedded Minimum Memory Requirements • 64 MB RAM Host Operating Systems • Microsoft Windows 9x, 2000, XP • Macintosh 10.2 and up Paper Size • Executive, letter, legal, ledger, A3, A4, B4, B5, envelope, others Quality Assurance • QualityLogic ATS Performance Measurement • QualityLogic PageSense 4.2 Print Driver Zx Renderer Color Conversion Software Image Processing ZxStream (CMYK) PC SOHO Printer/MFP Engine Ready Raster Halftoning Zx Decoder Print Driver Zx Renderer ZxStream (RGB) PC Workgroup Printer/ Copier/MFP RGB Contone Raster to engine video Zx Decoder Hardware Assist IPS Zx Flexible Configurations |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |