| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA84C646 bảng dữ liệu(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA84C646 bảng dữ liệu(HTML) 42 Page - NXP Semiconductors |
|
42 / 72 page ![]() 1995 Jun 15 42 Philips Semiconductors Preliminary specification Microcontrollers for TV tuning control and OSD applications PCA84C646; PCA84C846 Fig.33 SP and CR codes in Mode 2: Box shadowing mode. handbook, full pagewidth Red colour Blue colour CR code 01 2345 6 7 8 910 11 012 345 6 7 8 910 11 (background) yellow colour (background) cyan colour 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 01 2345 6 7 8 910 11 012 345 6 7 8 910 11 SP code MED229 SP code is a transparent pattern with the background colour of the character it intends to change or keep. CR code is always a transparent pattern with the video signal as its background. SP code can change the background colour of itself and the character/word next to it (in this example: from cyan to yellow). |