công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA82C252 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện PCA82C252
Giải thích chi tiết về linh kiện  Fault-tolerant CAN transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA82C252 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  PCA82C252 Datasheet HTML 1Page - NXP Semiconductors PCA82C252 Datasheet HTML 2Page - NXP Semiconductors PCA82C252 Datasheet HTML 3Page - NXP Semiconductors PCA82C252 Datasheet HTML 4Page - NXP Semiconductors PCA82C252 Datasheet HTML 5Page - NXP Semiconductors PCA82C252 Datasheet HTML 6Page - NXP Semiconductors PCA82C252 Datasheet HTML 7Page - NXP Semiconductors PCA82C252 Datasheet HTML 8Page - NXP Semiconductors PCA82C252 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Oct 28
4
Philips Semiconductors
Product specification
Fault-tolerant CAN transceiver
PCA82C252
PINNING
SYMBOL
PIN
DESCRIPTION
INH
1
inhibit output for switching external 5 V regulator
TXD
2
transmit data input, when LOW bus data will be dominant, when HIGH bus data will be recessive
RXD
3
receive data output, when LOW bus data will be dominant
NERR
4
error output pin, when LOW a bus error exists
STB
5
not standby digital control input signal (active LOW)
EN
6
enable digital control input signal
WAKE
7
not wake input signal, when pulled down INH becomes active for wake-up (active LOW)
RTH
8
termination resistor, CANH line will be high-impedance with certain bus errors
RTL
9
termination resistor, CANL line will be high-impedance with certain bus errors
VCC
10
supply voltage (+5 V)
CANH
11
high voltage bus line, will be HIGH in dominant state
CANL
12
low voltage bus line, will be LOW in dominant state
GND
13
ground
BAT
14
battery voltage
Fig.2 Pin configuration.
handbook, halfpage
PCA82C252
MBG621
1
INH
2
3
4
5
6
7
14 BAT
TXD
GND
RXD
CANL
NERR
CANH
STB
VCC
EN
RTL
WAKE
RTH
13
12
11
10
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com