| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CYPAS212 bảng dữ liệu(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYPAS212 bảng dữ liệu(HTML) 8 Page - Infineon Technologies AG |
|
8 / 32 page ![]() Datasheet 8 002-37370 Rev. *B 2023-10-10 EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller Pinouts 2.2.9 GPIOx, XRES PAG2S-AC has multiple GPIOs, out of which some are dedicated GPIOs and the rest are multiplexed with other functionalities. These GPIOs support multiple drive modes and configurable threshold options. During power-on and reset, the GPIOs are forced to the tristate so as not to crowbar any inputs and/or cause excess turn-on current. The XRES pin can be used to initiate a reset; this pin is internally pulled HIGH and must be pulled LOW externally to trigger a reset. |