công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8C bảng dữ liệu(PDF) 2 Page - Zemic Europe B.V.

tên linh kiện H8C
Giải thích chi tiết về linh kiện  Type H8C Load Cell
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZEMIC [Zemic Europe B.V.]
Trang chủ  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

H8C bảng dữ liệu(HTML) 2 Page - Zemic Europe B.V.

  H8C Datasheet HTML 1Page - Zemic Europe B.V. H8C Datasheet HTML 2Page - Zemic Europe B.V. H8C Datasheet HTML 3Page - Zemic Europe B.V. H8C Datasheet HTML 4Page - Zemic Europe B.V. H8C Datasheet HTML 5Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type H8C Load Cell
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2023.11 H8C Rev17
info@zemic.nl
Page 2/5
www.zemiceurope.com
Technical Specifications H8C
Accuracy Class
OIML R60 C3
OIML R60 C4
OIML R60 C5
Output Sensitivity ( = FS )
mV/V
3.0 ± 0.003
Maximum Capacity ( Emax )
t
0.1, 0.25, 0.5, 075,
1, 1.5, 2, 2.5, 3, 5, 10
0.1, 0.25,
0.5, 0.75, 1,
1.5, 2, 2.5
3, 5, 10
Max. Number of Load Cell Intervals
nLC
3000
4000
5000
Ratio of min. LC Verification Interval
Y = Emax / vmin
10000
15000
20000
18000
Combined Error
%FS
≤± 0.023
≤± 0.0175
≤± 0.014
Creep Error (30 minutes)
%FS
≤± 0.016
≤± 0.012
≤± 0.010
Temperature Effect on Zero (ZTC)
%FS/10°C
≤± 0.015
≤± 0.010
≤± 0.007
Temperature Effect on Sensitivity (STC)
%FS/10°C
≤± 0.011
≤± 0.009
≤± 0.008
Zero Balance
%FS
≤± 1.0
Safe Overload
%FS
150
Ultimate Overload
%FS
300
Maximum Deflection
mm
0.1t – 0.2t: 0.3
0.5t – 5t: ~ 1.2
10t: 0.8
Excitation, Recommended Voltage
V
5 ~ 12
Excitation, Maximum Voltage
V
18
Input Resistance
Ω
350 ± 3.5
Output Resistance
Ω
350 ± 3.5
Insulation Resistance (50V)
MΩ
≥5000
Compensated Temperature
°C
-10 ~ + 40
Operating Temperature
°C
-35 ~ + 65
Storage Temperature
°C
-40 ~ + 80
Load Cell Weight
kg
0.1t – 2.0t: ~ 0.9
2.5t – 5t: ~ 1.7
10t: ~ 3.6
Element Material
Nickel plated alloy steel
Ingress Protection (acc. to EN 60529)
IP67
Recommended Torque on Fixation Bolts
Nm
M12: 100
M18:200
M24:700
ATEX Classification (optional)
II 1G Ex ia IIC T4 Ga II 1D Ex ia IIIC T 200 135°C Da
II 3G Ex ic IIC T4 Gc
Wiring
Features:
Cable type:
Shielded, 4 or 6 conductor cable, conductor AWG 22 (4-wire) & AWG 24 (6-wire)
Cable diameter: Ø 5.0mm
Cable length:
4m for 100kg – 2t; 6m for higher capacities
Cable jacket:
Polyurethane
Shield not connected to element
4-Wire Connection Diagram
6-Wire Connection Diagram
Input(+)
Output(-)
Input (-)
Output(+)
Red
White
Black
Green
Input(+)
Sense (+)
Output(-)
Sense (-)
Input (-)
Output(+)
Red
Blue
White
Yellow
Black
Green



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com