công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSE855 bảng dữ liệu(PDF) 1 Page - Deep Sea Electronics

tên linh kiện DSE855
Giải thích chi tiết về linh kiện  dse855
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DSE [Deep Sea Electronics]
Trang chủ  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

DSE855 bảng dữ liệu(HTML) 1 Page - Deep Sea Electronics

  DSE855 Datasheet HTML 1Page - Deep Sea Electronics DSE855 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DEEP SEA ELECTRONICS PLC UK
Highfield House, Hunmanby Industrial Estate, Hunmanby YO14 0PH
TELEPHONE +44 (0) 1723 890099 FACSIMILE +44 (0) 1723 893303
EMAIL sales@deepseaplc.com WEBSITE www.deepseaplc.com
DEEP SEA ELECTRONICS INC USA
3230 Williams Avenue, Rockford, IL 61101-2668 USA
TELEPHONE +1 (815) 316 8706 FACSIMILE +1 (815) 316 8708
EMAIL sales@deepseausa.com WEBSITE www.deepseausa.com
055-174/12/13 (1)
KEY FEATURES
• Supports a wide range of DSE controllers.
• Converts supported DSE controller’s USB
port to an Ethernet port.
• In-built web server for use over an internal
network and the internet.
• Simple configuration of DSE855 via an
internet browser.
• Remote control and monitoring of the
connected supported DSE controller.
• Option for multiple users to restrict access
permissions.
• Supports MODBUS TCP via Ethernet port.
• LED status indication on the device to aid
fault finding.
KEY BENEFITS
• Allows up to four users from different
locations to monitor a DSE controller’s
status.
• Allows integration of DSE controllers into
building management systems (BMS).
• DIN rail mounting allows the device to be
installed securely into a panel.
• Generic connectors for simple plug-in
operation.
• Firmware upgradeable via a USB memory
device or OTA (Over The Air) using the
internet.
• No additional PC software required as
DSE855 configuration is achieved using the
in-built web server.
RELATED MATERIALS
TITLE
PART NO’S
dse855 Installation Instructions
053-159
dse855 Operations Manual
057-205
dseL400/L401 data sheet
055-162
dse4310/20 data sheet
055-154
dse4410/20 data sheet
055-068
dse4510/20 data sheet
055-132
dse4610/20 data sheet
055-165
TITLE
PART NO’S
dse6010/20 data sheet
055-079
dse6110/20 data sheet
055-069
dse6610/20 data sheet
055-159
dse7110/20 data sheet
055-081
dse7110/20 MKII data sheet
055-138
dse7210/20 data sheet
055-050
dse7310/20 data sheet
055-051
dse855
®
dse
Genset
Registered in England & Wales No.01319649
VAT No.316923457
Deep Sea Electronics Plc maintains a policy of continuous development and reserves the right to change
the details shown on this data sheet without prior notice. The contents are intended for guidance only.
SPECIFICATION
DC SUPPLY
CONTINUOUS VOLTAGE RATING
8 V to 35 V Continuous
CRANKING DROPOUTS
Able to survive 0 V for 100 mS, providing
supply was at least 10 V before dropout
and supply recovers to 5 V. This is
achieved without the need for internal
batteries. LEDs and backlight will not be
maintained during cranking.
MAXIMUM OPERATING CURRENT
123 mA at 12 V
71 mA at 24 V
MAXIMUM STANDBY CURRENT
104 mA at 12 V
63 mA at 24 V
COMMUNICATIONS
USB (Single DSE Controller)
Ethernet
DIMENSIONS
OVERALL
35 mm x 97 mm x 102 mm
1.4” x 3.8” x 4.0”
MOUNTING
DIN Rail
OPERATING TEMPERATURE RANGE
-30
°Cto+70°C
-22
°Fto+158°F
STORAGE TEMPERATURE RANGE
-40
°Cto+80°C
-40
°Fto+176°F


Số phần tương tự - DSE855

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Deep Sea Electronics
DSE857 DSE-DSE857 Datasheet
96Kb / 2P
USB TO RS485 COMMUNICATIONS DEVICE
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com