công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSE327 bảng dữ liệu(PDF) 2 Page - Deep Sea Electronics

tên linh kiện DSE327
Giải thích chi tiết về linh kiện  AUTO TRANSFER SWITCH CONTROL MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DSE [Deep Sea Electronics]
Trang chủ  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

DSE327 bảng dữ liệu(HTML) 2 Page - Deep Sea Electronics

  DSE327 Datasheet HTML 1Page - Deep Sea Electronics DSE327 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COMPREHENSIVE FEATURE LIST TO SUIT A
WIDE VARIETY OF ATS APPLICATIONS
DSE327
AUTO TRANSFER SWITCH CONTROL MODULE
ENVIRONMENTAL TESTING STANDARDS
ELECTRO-MAGNETIC COMPATIBILITY
BS EN 61000-6-2
EMC Generic Immunity Standard for
the Industrial Environment
BS EN 61000-6-4
EMC Generic Emission Standard for
the Industrial Environment
ELECTRICAL SAFETY
BS EN 60950
Safety of Information Technology Equipment,
including Electrical Business Equipment
TEMPERATURE
BS EN 60068-2-1
Ab/Ae Cold Test -30 °C
BS EN 60068-2-2
Bb/Be Dry Heat +70 °C
VIBRATION
BS EN 60068-2-6
Ten sweeps in each of three
major axes
5 Hz to 8 Hz @ +/-7.5 mm,
8 Hz to 500 Hz @ 2 gn
HUMIDITY
BS EN 60068-2-30
Db Damp Heat Cyclic 20/55 °C
@ 95% RH 48 Hours
BS EN 60068-2-78
Cab Damp Heat Static 40 °C
@ 93% RH 48 Hours
SHOCK
BS EN 60068-2-27
Three shocks in each of three major axes
15 gn in 11 mS
ISSUE 1
The DSE327 is an Automatic Transfer
Switch Control Module designed to
monitor the voltage of an incoming
AC supply from two different sources.
This could be from both generator
or mains (utility), or a combination
of both. The module monitors S1
(Source 1) and in the event of a failure
issues a start command to S2 (Source
2).
Once S2 is available and producing
an output within limits, the module
controls the transfer device and
switches the load from S1 to S2.
Once the S1 supply returns to within
limits, the module commands a load
return to S1 and shuts down S2.
Various timing sequences are
available to prevent nuisance starting
on minor supply breaks.
DSE
Ats®
7
OTHER
DSE327
3ph
N
1ph
N
1
1
S1
N/O VOLT FREE OUTPUT
N/O VOLT FREE OUTPUT
S2
VOLT FREE OUTPUT
VOLTS
VOLTS
1



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com