công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FST34170MTD bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện FST34170MTD
Giải thích chi tiết về linh kiện  17-Bit to 34-Bit Multiplexer/Demultiplexer Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST34170MTD bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  FST34170MTD Datasheet HTML 1Page - Fairchild Semiconductor FST34170MTD Datasheet HTML 2Page - Fairchild Semiconductor FST34170MTD Datasheet HTML 3Page - Fairchild Semiconductor FST34170MTD Datasheet HTML 4Page - Fairchild Semiconductor FST34170MTD Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 9: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance (Note 10)
Note 10: TA 25qC, f 1 MHz, Capacitance is characterized but not tested.
AC Loading and Waveforms
Note: Input driven by 50
: source terminated in 50:
Note: CL includes load and stray capacitance, CL 50 pF
Note: Input PRR
1.0 MHz, tW
500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
Parameter
TA 40 qC to 85 qC,
Units
Conditions
Figure No.
CL 50 pF, RU RD 500:
VCC 4.5  5.5V
VCC 4.0V
Min
Max
Min
Max
tPHL, tPLH
A or B, to B or A (Note 9)
0.25
0.25
ns
VI OPEN
Figures 1, 2
tPZH
Output Enable Time,
7.0
30.0
35.0
ns
VI OPEN for tPZH
Figures 1, 2
SEL to A, B
tPZL
Output Enable Time,
7.0
30.0
35.0
ns
VI 7V for tPZL
Figures 1, 2
SEL to A, B
tPHZ
Output Disable Time,
1.0
6.9
7.3
ns
VI OPEN for tPHZ
Figures 1, 2
SEL to A, B
tPLZ
Output Disable Time,
1.0
7.7
7.7
ns
VI 7V for tPLZ
Figures 1, 2
SEL to A, B
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
4
pF
VCC 5.0V
CI/O OFF
Input/Output Capacitance “OFF State”
8
pF
VCC 5.0V, Switch OFF



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com