| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EE451 bảng dữ liệu(PDF) 2 Page - E+E Elektronik Ges.m.b.H |
|
|
|||||||||||||||||||||||||||||
EE451 bảng dữ liệu(HTML) 2 Page - E+E Elektronik Ges.m.b.H |
|
2 / 9 page ![]() Datasheet EE451 v1.9 / Modification rights reserved | 2 EE451 The EE451 wall-mounted sensor reliably measures the temperature (T) indoors and outdoors in building automation, HVAC and process control. Analogue, Digital and Passive Outputs The measured data is available at the voltage or current output, as well as on the RS485 interface with Modbus RTU or BACnet MS/TP protocol. Additionally, EE451 features a wide choice of sensing elements for passive temperature measurement. An optional display is available for the EE451 with analog output. Easy Installation The compact and robust design allows easy and quick installation as well as unbiased measurement of the ambient temperature. Configurable and Adjustable An optional adapter and the free Product Configuration Software facilitate the setup and adjustment of the EE451. Wall-mounted Temperature Sensor for Indoor and Outdoor EE451 with active output EE451 with passive output EE451 with active output and display |