| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDC90 bảng dữ liệu(PDF) 3 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
CDC90 bảng dữ liệu(HTML) 3 Page - Endress+Hauser Group Services AG |
|
3 / 32 page ![]() Liquiline Control CDC90 Endress+Hauser 3 Function and system design Measuring principle The Liquiline Control CDC90 automates the cleaning and calibration of Memosens pH and ORP measuring points in all industries. It automatically cleans, calibrates, monitors and verifies up to two sensors, thereby reducing maintenance costs, improving workplace safety in hazardous environments and boosting product output and quality. Liquiline Control CDC90 can be easily integrated into existing plant infrastructures and enables the practical remote operation of your measuring points via the control station. Measuring system A complete measuring system comprises the following components: • Liquiline Control CDC90 • Retractable assembly (e.g. Cleanfit series) • pH/ORP sensor • Lines for compressed air, water and electrics • Digital measuring cable 1 2 3 4 5 6 7 9 10 11 8 A0035661 1 Example of a complete measuring system 1 Water connection, at installation location 7 CDC90 control unit 2 Retractable assembly (e.g. Cleanfit series) with inductive limit switches with pH/ORP sensor 8 Ethernet switch 3 Process/medium 9 Media (cleaners, buffers) 4 Rinsing block 10 Compressed air line 5 Pump canister unit 11 Electric cable, signal cable 6 Pneumatic control unit The system is available in different versions. Here is a complete overview comprising all of the system's modules. |