| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P83C524IBP bảng dữ liệu(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C524IBP bảng dữ liệu(HTML) 39 Page - NXP Semiconductors |
|
39 / 76 page ![]() 1997 Dec 15 39 Philips Semiconductors Product specification 8-bit microcontrollers P83C524; P80C528; P83C528 14.3 Interrupt Vectors The interrupt vectors are listed in Table 25. Table 24 Description of the IP bits Table 25 Interrupt vectors BIT SYMBOL FUNCTION 7 − reserved 6 PS1 Bit-level I2C interrupt priority level 5 PT2 Timer 2 interrupt priority level 4PS Serial Port interrupt priority level 3 PT1 Timer 1 interrupt priority level 2 PX1 External interrupt 1 priority level 1 PT0 Timer 0 interrupt priority level 0 PX0 External interrupt 0 priority level NUMBER SOURCE PRIORITY WITHIN LEVEL VECTOR ADDRESS 1 IE0 (highest) 0003H 2 TF2+EXF2 − 002BH 3 SI (I2C) − 0053H 4 TF0 − 000BH 5 IE1 − 0013H 6 TF1 − 001BH 7 RI + TI (lowest) 0023H |