| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF85063AT/AY bảng dữ liệu(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85063AT/AY bảng dữ liệu(HTML) 11 Page - NXP Semiconductors |
|
11 / 55 page ![]() NXP Semiconductors PCF85063A Tiny Real-Time Clock/calendar with alarm function and I2C-bus 7.2.2.1 Alarm interrupt aaa-004432 SECONDS COUNTER MINUTES COUNTER MI HMI HMI MI AIE CIE 0 1 AIE example HMI/MI SET CLEAR from interface: clear TF from interface: clear AF offset circuit: add/substract pulse from interface: set CIE to interface: read AF PULSE GENERATOR 1 TRIGGER CLEAR TI_TP ALARM FLAG AF set alarm flag, AF SET CLEAR PULSE GENERATOR 3 TRIGGER CLEAR 0 1 COUNTDOWN COUNTER TE TIE TIMER FLAG TF SET CLEAR to interface: read TF PULSE GENERATOR 2 TRIGGER CLEAR 0 1 INT Figure 9. Interrupt scheme AIE This bit activates or deactivates the generation of an interrupt when AF is asserted, respectively. AF When an alarm occurs, AF is set logic 1. This bit maintains its value until overwritten by command. To prevent one flag being overwritten while clearing another, a logic AND is performed during a write access. PCF85063A All information provided in this document is subject to legal disclaimers. © 2023 NXP B.V. All rights reserved. Product data sheet Rev. 7.1 — 8 November 2023 11 / 55 |