| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P83C524 bảng dữ liệu(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C524 bảng dữ liệu(HTML) 47 Page - NXP Semiconductors |
|
47 / 76 page ![]() 1997 Dec 15 47 Philips Semiconductors Product specification 8-bit microcontrollers P83C524; P80C528; P83C528 Table 31 Instruction set description: Logic operations MNEMONIC DESCRIPTION BYTES CYCLES OPCODE (HEX) Logic operations ANL A,Rr AND register to A 1 1 5* ANL A,direct AND direct byte to A 2 1 55 ANL A,@Ri AND indirect RAM to A 1 1 56, 57 ANL A,#data AND immediate data to A 2 1 54 ANL direct,A AND A to direct byte 2 1 52 ANL direct,#data AND immediate data to direct byte 3 2 53 ORL A,Rr OR register to A 1 1 4* ORL A,direct OR direct byte to A 2 1 45 ORL A,@Ri OR indirect RAM to A 1 1 46, 47 ORL A,#data OR immediate data to A 2 1 44 ORL direct,A OR A to direct byte 2 1 42 ORL direct,#data OR immediate data to direct byte 3 2 43 XRL A,Rr Exclusive-OR register to A 1 1 6* XRL A,direct Exclusive-OR direct byte to A 2 1 65 XRL A,@Ri Exclusive-OR indirect RAM to A 1 1 66, 67 XRL A,#data Exclusive-OR immediate data to A 2 1 64 XRL direct,A Exclusive-OR A to direct byte 2 1 62 XRL direct,#data Exclusive-OR immediate data to direct byte 3 2 63 CLR A Clear A 1 1 E4 CPL A Complement A 1 1 F4 RL A Rotate A left 1 1 23 RLC A Rotate A left through the carry flag 1 1 33 RR A Rotate A right 1 1 03 RRC A Rotate A right through the carry flag 1 1 13 SWAP A Swap nibbles within A 1 1 C4 |