| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P82C150AFT bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P82C150AFT bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 36 page ![]() Philips Semiconductors Preliminary specification CAN Serial Linked I/O device (SLIO) with digital and analog port functions P82C150 1996 Jun 19 2 CONTENTS 1 FEATURES 2 GENERAL DESCRIPTION 3 ORDERING INFORMATION 4 BLOCK DIAGRAM 5 FUNCTIONAL DIAGRAM 6 PINNING INFORMATION 6.1 Pinning 6.2 Pin description 7 FUNCTIONAL DESCRIPTION 7.1 I/O functions 7.2 I/O registers 7.3 CAN functions 7.4 Initialization 7.5 P82C150 operation after RESET or change of bus mode 8 LIMITING VALUES 9 DC CHARACTERISTICS 10 AC CHARACTERISTICS 11 APPLICATION INFORMATION 11.1 Maximum bus length 11.2 Start up sequence 11.3 External oscillator mode 11.4 Using digital I/O port functions 11.5 Using DPM 11.6 Using ADC 11.7 Using analog input port functions 11.8 CAN-bus system applications 12 PACKAGE OUTLINE 13 SOLDERING 13.1 Introduction 13.2 Reflow soldering 13.3 Wave soldering 13.4 Repairing soldered joints 14 DEFINITIONS 15 LIFE SUPPORT APPLICATIONS |