công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SE5534AF bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện SE5534AF
Giải thích chi tiết về linh kiện  Dual and single low noise op amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE5534AF bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  SE5534AF Datasheet HTML 1Page - NXP Semiconductors SE5534AF Datasheet HTML 2Page - NXP Semiconductors SE5534AF Datasheet HTML 3Page - NXP Semiconductors SE5534AF Datasheet HTML 4Page - NXP Semiconductors SE5534AF Datasheet HTML 5Page - NXP Semiconductors SE5534AF Datasheet HTML 6Page - NXP Semiconductors SE5534AF Datasheet HTML 7Page - NXP Semiconductors SE5534AF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
NE5533/5533A/
NE/SA/SE5534/5534A
Dual and single low noise op amp
August 31, 1994
115
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VS
Supply voltage
±22
V
VIN
Input voltage
±V supply
V
VDIFF
Differential input voltage1
±0.5
V
TA
Operating temperature range
SE
-55 to +125
°C
SA
-40 to +85
°C
NE
0 to +70
°C
TSTG
Storage temperature range
-65 to +150
°C
TJ
Junction temperature
150
°C
PD
Power dissipation at 25
°C2
16D Pkg
1350
mW
16N Pkg
1500
mW
8D Pkg
750
mW
8FE Pkg
800
mW
8N Pkg
1150
mW
Output short-circuit duration3
Indefinite
TSOLD
Lead soldering temperature (10sec max)
300
°C
NOTES:
1. Diodes protect the inputs against over voltage. Therefore, unless current-limiting resistors are used, large currents will flow if the differential
input voltage exceeds 0.6V. Maximum current should be limited to
±10mA.
2. For operation at elevated temperature, derate packages based on the following junction-to-ambient thermal resistance:
8-pin ceramic DIP 150
°C/W
8-pin plastic DIP 105
°C/W
8-pin plastic SO 160
°C/W
16-pin plastic DIP 80
°C/W
16-pin plastic SO 90
°C/W
3. Output may be shorted to ground at VS=±15V, TA=25°C. Temperature and/or supply voltages must be limited to ensure dissipation rating is
not exceeded.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com