| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBM29F080A bảng dữ liệu(PDF) 41 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29F080A bảng dữ liệu(HTML) 41 Page - SPANSION |
|
41 / 44 page ![]() MBM29F080A-55/-70/-90 40 s s s s PACKAGE DIMENSIONS (Continued) 40-pin plastic TSOP (1) (FPT-40P-M06) Note 1) * : Resin protrusion. (Each side : +0.15 (.006) Max) . Note 2) Pins width and pins thickness include plating thickness. Note 3) Pins width do not include tie bar cutting remainder. Dimensions in mm (inches) Note : The values in parentheses are reference values. 40-pin plastic TSOP (1) (FPT-40P-M07) Note 1) * : Resin protrusion. (Each side : +0.15 (.006) Max) . Note 2) Pins width and pins thickness include plating thickness. Note 3) Pins width do not include tie bar cutting remainder. Dimensions in mm (inches) Note : The values in parentheses are reference values. .007 –.003 +.001 – 0.08 +0.03 0.17 "A" 0.10(.004) (Mounting height) 1.10 +0.10 – 0.05 +.004 – .002 .043 (Stand off) 0.10±0.05(.004±.002) (.394±.008) *10.00±0.20 0.10(.004) M (.009±.002) 0.22±0.05 (.724±.008) *18.40±0.20 (.787±.008) 20.00±0.20 LEAD No. INDEX 21 20 40 1 2003 FUJITSU LIMITED F40007S-c-3-4 C 0~8 ˚ 0.25(.010) 0.60 ±0.15 (.024 ±.006) Details of "A" part 0.50(.020) – .003 +.001 .007 – 0.08 +0.03 0.17 "A" 0.10(.004) (Mounting height) 1.10 +0.10 – 0.05 +.004 – .002 .043 (Stand off) 0.10±0.05(.004±.002) 0.10(.004) M (.009±.002) 0.22±0.05 (.394±.008) *10.00±0.20 (.724±.008) *18.40±0.20 (.787±.008) 20.00±0.20 LEAD No. INDEX 21 20 40 1 2003 FUJITSU LIMITED F40008S-c-3-4 C 0~8˚ 0.25(.010) 0.60±0.15 (.024±.006) Details of "A" part 0.50(.020) |