| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA3200AIP3BN bảng dữ liệu(PDF) 86 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AIP3BN bảng dữ liệu(HTML) 86 Page - Advanced Micro Devices |
|
86 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 86 AMD Athlon™ 64 X2 Dual Core Processor Table 44: AMD Athlon™ 64 X2 Dual Core Processor Thermal Profile Note: The thermal profile is used to define the relationship between Tcase max and device specific Thermal Design Power for Rev E processors specified in this document with ‘Variable’ indicated by the Case Temperature OPN character . Thermal Profile O P Thermal Resistance (case to ambient) 0.20°C/W 0.32°C/W Local Ambient Temperature 42°C 42°C Tcase Max Power (Thermal Profile O) Power (Thermal Profile P) 49°C 35.0 W 21.9 W 51°C 45.0 W 28.1 W 53°C 55.0 W 34.4 W 55°C 65.0 W 40.6 W 57°C 75.0 W 46.9 W 59°C 85.0 W 53.1 W 61°C 95.0 W 59.4 W 63°C 105.0 W 65.6 W 65°C 110.0 W 71.9 W 67°C N/A 78.1 W 69°C N/A 84.4 W 71°C N/A 89.0 W |