| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM70PDL127CDH bảng dữ liệu(PDF) 13 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM70PDL127CDH bảng dữ liệu(HTML) 13 Page - Advanced Micro Devices |
|
13 / 127 page ![]() November 24, 2003 Am70PDL127CDH/Am70PDL129CDH 11 ADV ANCE I N FO RMAT I O N CONNECTION DIAGRAM–PDL127H Special Package Handling Instructions Special handling is required for Flash Memory prod- ucts in molded packages (BGA). The package and/or data integrity may be compromised if the package body is exposed to temperatures above 150 °C for prolonged periods of time. A1 B1 C1 F1 G1 L1 M1 D2 E2 F2 G2 H2 J2 C3 D3 E3 F3 G3 H3 J3 K3 C4 D4 E4 F4 G4 H4 J4 K4 B5 C5 D5 E5 H5 J5 K5 L5 B6 C6 D6 E6 H6 J6 K6 L6 C7 D7 E7 F7 G7 H7 J7 K7 C8 D8 E8 F8 G8 H8 J8 K8 D9 E9 F9 G9 H9 J9 A10 B10 F10 G10 L10 M10 NC NC NC NC NC NC CE#2ds VCCQf NC A3 A2 A1 A0 CE#f1 CE#1ps A7 A6 A5 A4 VSS OE# DQ0 DQ8 LB# UB# A18 A17 DQ1 DQ9 DQ10 DQ2 NC WP#/ACC RESET# RY/BY# DQ3 VCCf DQ11 VCCds WE# CE2ps A20 DQ4 VCCps VCCQds A8 A19 A9 A10 DQ6 DQ13 DQ12 DQ5 A11 A12 A13 A14 NC DQ15 DQ7 DQ14 A15 A21 A22 A16 VCCf VSS NC NC NC NC NC NC Flash 1 Only B2 C2 NC NC B9 C9 RY/BY#ds CE#1ds B3 B4 B7 B8 VSSds NC RESET#ds NC F5 G5 F6 G6 NC NC NC NC K2 L2 L3 L4 NC NC NC VSSds L7 L8 K9 L9 NC NC WP#/ACCds NC MirrorBit Only RAM Only 93-Ball FBGA Top View |