công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADA3200AIA5AX bảng dữ liệu(PDF) 49 Page - Advanced Micro Devices

tên linh kiện ADA3200AIA5AX
Giải thích chi tiết về linh kiện  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200AIA5AX bảng dữ liệu(HTML) 49 Page - Advanced Micro Devices

Back Button ADA3200AIA5AX Datasheet HTML 45Page - Advanced Micro Devices ADA3200AIA5AX Datasheet HTML 46Page - Advanced Micro Devices ADA3200AIA5AX Datasheet HTML 47Page - Advanced Micro Devices ADA3200AIA5AX Datasheet HTML 48Page - Advanced Micro Devices ADA3200AIA5AX Datasheet HTML 49Page - Advanced Micro Devices ADA3200AIA5AX Datasheet HTML 50Page - Advanced Micro Devices ADA3200AIA5AX Datasheet HTML 51Page - Advanced Micro Devices ADA3200AIA5AX Datasheet HTML 52Page - Advanced Micro Devices ADA3200AIA5AX Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
49
AMD Athlon™ 64 FX Processor
2 AMD Athlon™ 64 FX Processor
The following sections contain thermal/power and related BIOS specifications for
AMD Athlon™ 64 FX processors. Each column in the BIOS and thermal/power tables represents a
specific Ordering Part Number (OPN). Section 2.1 provides an example of the OPN structure for this
processor family.
For all other electrical specifications for the processor, refer to the AMD Athlon™ 64 FX Product
Data Sheet, order #30431. For power management BIOS requirements, refer to the BIOS and Kernel
Developer’s Guide for AMD Athlon™ 64 Processors and AMD Opteron™ Processors, order #26094.
2.1 Ordering Part Number Description
Figure 2.
AMD Athlon™ 64 FX Processor Ordering Part Number Example
Table 11: AMD Athlon™ 64 FX Processor Part Definition Options
Part
Definition
Revision
AK
Rev C0
AS
Rev CG
AT
Rev CG
BN
Rev E4
Part Definition: AK= Rev C0 (see Table 11)
L2 Cache Size: 5= 1 Megabyte (see Table 12)
Case Temperature: P= 70oC (see Table 13)
Operating Voltage: E= 1.50 V (see Table 14)
Package: C= 940 pin lidded C
μPGA (see Table 15)
Model Number: FX51: 2200 MHz (see Table 16)
Brand: AMD Athlon™ 64 Desktop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com