công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADA3200DAK4AX bảng dữ liệu(PDF) 94 Page - Advanced Micro Devices

tên linh kiện ADA3200DAK4AX
Giải thích chi tiết về linh kiện  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DAK4AX bảng dữ liệu(HTML) 94 Page - Advanced Micro Devices

Back Button ADA3200DAK4AX Datasheet HTML 87Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 88Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 89Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 90Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 91Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 92Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 93Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 94Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 95Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 94 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
94
AMD Athlon™ 64 X2 Dual Core Processor
1. Tcase max is the maximum case temperature specification which is a physical value in degrees Celsius. This value
is programmed into Rev D and later processors. Refer to the appropriate functional data sheet, and the
THERM TRIP Status Register in the BIOS and Kernel Developer’s Guide for AM D Athlon™ 64 and
AM D Opteron™ Processors, order# 26094.
2. Tcontrol max (maximum control temperature) is a non physical temperature on an arbitrary scale that can be used
for system thermal management policies. Tcontrol max represents the value at which the processor has reached
Tcase max when measuring the thermal diode with a dual sourcing current temperature sensor. Refer to the
appropriate functional data sheet, and the THERM TRIP Status Register in the BIOS and Kernel Developer’s
Guide for AM D Athlon™ 64 and AM D Opteron™ Processors, order# 26094.
3. The VID_VDD voltage is the VID[4:0] requested VDD supply level. Refer to the appropriate functional data
sheet for details.
4. Thermal Design Power (TDP) is measured under the conditions of Tcase M ax, IDD M ax, and VDD=VID_VDD,
and include all power dissipated on-die from VDD, VDDIO, VLDT, VTT, and VDDA.
5. Assumes Tcase max, max P-state VID_VDD, clock divider set to 32.
6. Assumes 50°C, min P-state VID_VDD, clock divider set to 32.
7. Assumes 35°C, VDD, VDDA, and VLDT supplies are off, VDDIO and VTT are powered, memory in self-
refresh mode and DDR SDRAM interface tri-stated except CKE pins. Refer to the appropriate functional data
sheet for complete VDDIO and VTT power supply specifications.
8. Thermal Design Power dissipated by the processor VDDIO, VTT, VLDT, and VDDA power planes only.
9. Thermal Design Power dissipated by the processor VDDIO and VTT power planes only.
10. Refer to the AM D Athlon™ 64 Processor Desktop Power Roadmap, order #26882, for IDD M ax and Thermal
Design Power requirements for future processor revisions.
11. Implementation of this P-state is optional in BIOS.
12. Assumes VDDIO = 2.6 V and VTT = VDDIO / 2. Refer to the appropriate functional data sheet for complete
VDDIO and VTT power supply specifications.
13. Tcase max is programmed during device manufacturing with part-specific values for Rev E and later processors,
and can be any valid Tcase max value in the range specified for the corresponding OPN.
14 Thermal Design Power (TDP) and IDD max for Rev E and later processors are the limits at the highest Tcase max
in the specified range for the corresponding OPN. Products will conform to the TDP and IDD M ax limits at all
valid voltages. The relationship of Tcase max and Thermal Profile to TDP for a specific device is defined in
15 Thermal Design Power (TDP) specifications for dual core processors assume equivalent P-states (Voltage and
frequency) and equivalent Tcase conditions for both cores. Refer to the BIOS and Kernel Developer’s Guide for
AM D Athlon™ 64 and AMD Opteron™ Processors, order# 26094, for details on P-state operation for dual core
processors.
16 IDDC1 specifications for dual core processors assume equivalent Voltage, clock divisor, and Tcase conditions for
both cores.
Notes:
Table 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com