| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EMCT03-ACZB bảng dữ liệu(PDF) 15 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
EMCT03-ACZB bảng dữ liệu(HTML) 15 Page - SMSC Corporation |
|
15 / 16 page ![]() 1°C Triple SMBus Temperature Sensor Datasheet SMSC EMCT03 15 Revision 2.3 (04-19-05) DATASHEET 2. The lowest emitter and base resistance values will also be helpful as a matter of series input resistance 4.1.2.2 Compensating for Ideality of the diode The remote diode may have an ideality factor based on the manufacturing process. Inaccuracy in the temperature measurement resulting from this ideality factor may be eliminated by calibrating the remote diode with the temperature sensor. The EMCT03 is trimmed to an ideality factor of 1.008. 4.1.2.3 Circuit Connections The more negative terminal for the remote temperature diode, DN, is internally biased with a forward diode voltage. Terminal DN is not referenced to ground. Remote temperature diodes can be constructed as shown in Figure 4.2 Remote Temperature Diode Examples on page 15. Figure 4.2 Remote Temperature Diode Examples Environmental Monitoring and Control (EMC) devices supplied by SMSC are designed to make accurate temperature measurements. Careful design of the printed circuit board and proper selection of the remote sensing diode will help to maintain the accuracy. To DP To DN Local Ground Typical Remote Parasitic Substrate Transistor e.g. CPU substrate PNP To DP To DN To DP To DN Typical Remote Discrete PNP Transistor e.g 2N3906 Typical Remote Discrete NPN Transistor e.g. 2N3904 |