công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

COM20022I3V-HT bảng dữ liệu(PDF) 13 Page - SMSC Corporation

tên linh kiện COM20022I3V-HT
Giải thích chi tiết về linh kiện  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I3V-HT bảng dữ liệu(HTML) 13 Page - SMSC Corporation

Back Button COM20022I3V-HT Datasheet HTML 9Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 10Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 11Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 12Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 13Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 14Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 15Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 16Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I 3V
Page 13
Revision 02-27-06
DATASHEET
4.4
Broadcast Messages
Broadcasting gives a particular node the ability to transmit a data packet to all nodes on the network
simultaneously. ID zero is reserved for this feature and no node on the network can be assigned ID zero.
To broadcast a message, the transmitting node's processor simply loads the RAM buffer with the data
packet and sets the DID equal to zero. Figure 5.7 illustrates the position of each byte in the packet with
the DID residing at address 0X01 or 1 Hex of the current page selected in the "Enable Transmit from Page
fnn" command. Each individual node has the ability to ignore broadcast messages by setting the most
significant bit of the "Enable Receive to Page fnn" command (see Table 6.7) to a logic "0".
4.5
Extended Timeout Function
There are three timeouts associated with the COM20022I 3V operation. The values of these timeouts are
controlled by bits 3 and 4 of the Configuration Register and bit 5 of the Setup 1 Register.
4.5.1
Response Time
The Response Time determines the maximum propagation delay allowed between any two nodes, and
should be chosen to be larger than the round trip propagation delay between the two furthest nodes on
the network plus the maximum turn around time (the time it takes a particular COM20022I 3V to start
sending a message in response to a received message) which is approximately 3.2
μS. The round trip
propagation delay is a function of the transmission media and network topology. For a typical system
using RG62 coax in a baseband system, a one way cable propagation delay of 7.75
μS translates to a
distance of about 1 mile. The flow chart in Figure 3.1 uses a value of 18.7
μS (7.75 + 7.75 + 3.2) to
determine if any node will respond.
4.5.2
Idle Time
The Idle Time is associated with a NETWORK RECONFIGURATION. Figure 3.1 illustrates that during a
NETWORK RECONFIGURATION one node will continually transmit INVITATIONS TO TRANSMIT until it
encounters an active node. All other nodes on the network must distinguish between this operation and an
entirely idle line. During NETWORK RECONFIGURATION, activity will appear on the line every 20.5
μS.
This 20.5
μS is equal to the Response Time of 18.7 μS plus the time it takes the COM20022I 3V to start
retransmitting another message (usually another INVITATION TO TRANSMIT).
4.5.3
Reconfiguration Time
If any node does not receive the token within the Reconfiguration Time, the node will initiate a NETWORK
RECONFIGURATION. The ET2 and ET1 bits of the Configuration Register allow the network to operate
over longer distances than the 1 mile stated earlier. The logic levels on these bits control the maximum
distances over which the COM20022I 3V can operate by controlling the three timeout values described
above. For proper network operation, all COM20022I 3V's connected to the same network must have the
same Response Time, Idle Time, and Reconfiguration Time.
4.6
Line Protocol
The ARCNET line protocol is considered isochronous because each byte is preceded by a start interval
and ended with a stop interval. Unlike asynchronous protocols, there is a constant amount of time
separating each data byte. On a 10 Mbps network, each byte takes exactly 11 clock intervals of 100ns
each. As a result, one byte is transmitted every 1.1
S and the time to transmit a message can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com