| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COM20020IP3V bảng dữ liệu(PDF) 36 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
COM20020IP3V bảng dữ liệu(HTML) 36 Page - SMSC Corporation |
|
36 / 82 page ![]() 36 DISCONTINUED DATASHEET BIT BIT NAME SYMBOL DESCRIPTION 1 New Next ID NEW NXTID This bit, if high, indicates that the Next ID Register has been updated and that a node has either joined or left the network. Reading the Diagnostic Status Register does not clear this bit. This bit, when set, will cause an interrupt if the corresponding bit in the IMR is also set. The bit is cleared by reading the Next ID Register. 1,0 (Reserved) These bits are undefined. |