công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

COM20022I-HT bảng dữ liệu(PDF) 22 Page - SMSC Corporation

tên linh kiện COM20022I-HT
Giải thích chi tiết về linh kiện  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT bảng dữ liệu(HTML) 22 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 18Page - SMSC Corporation COM20022I-HT Datasheet HTML 19Page - SMSC Corporation COM20022I-HT Datasheet HTML 20Page - SMSC Corporation COM20022I-HT Datasheet HTML 21Page - SMSC Corporation COM20022I-HT Datasheet HTML 22Page - SMSC Corporation COM20022I-HT Datasheet HTML 23Page - SMSC Corporation COM20022I-HT Datasheet HTML 24Page - SMSC Corporation COM20022I-HT Datasheet HTML 25Page - SMSC Corporation COM20022I-HT Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Revision 02-27-06
Page 22
SMSC COM20022I
DATASHEET
Figure 5.4 -
Programmable Burst Mode DMA Transfer (Rough Timing)
The timing of the Non-Burst mode DMA data transfer is found in the Timing Diagrams section of this data
sheet. The basic sequence of operation is as follows:
nDACK becomes active (low) upon DREQ becoming active (high) and catching the host bus (AEN=1).
DREQ becomes inactive after nDACK and read/write signal become active.
DREQ becomes active after nDACK or read/write signal becomes inactive.
DREQ becomes inactive after TC and the read/write signal assert (when nDACK=0). In this case,
DREQ doesn't become active again after nDACK becomes inactive.
nDACK becomes inactive after DREQ=0 and the present cycle finishes.
Gate
Time
DREQ
(Active-High)
nDACK
(Active-Low)
Transfer term
(Counting Read/Write pulse
or counting internal timer)
Restart
Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82