| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29SL800DB120WCF bảng dữ liệu(PDF) 25 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29SL800DB120WCF bảng dữ liệu(HTML) 25 Page - Advanced Micro Devices |
|
25 / 46 page ![]() D A TA SH EE T January 23, 2007 27546A6 Am29SL800D 23 Notes: 1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See “DQ5: Exceeded Timing Limits for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. Table 6. Write Operation Status Operation DQ7 (Note 2) DQ6 DQ5 (Note 1) DQ3 DQ2 (Note 2) RY/BY# Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle 0 Erase Suspend Mode Reading within Erase Suspended Sector 1 No toggle 0 N/A Toggle 1 Reading within Non-Erase Suspended Sector Data Data Data Data Data 1 Erase-Suspend-Program DQ7# Toggle 0 N/A N/A 0 |