công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB3300 bảng dữ liệu(PDF) 20 Page - SMSC Corporation

tên linh kiện USB3300
Giải thích chi tiết về linh kiện  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 bảng dữ liệu(HTML) 20 Page - SMSC Corporation

Back Button USB3300_06 Datasheet HTML 16Page - SMSC Corporation USB3300_06 Datasheet HTML 17Page - SMSC Corporation USB3300_06 Datasheet HTML 18Page - SMSC Corporation USB3300_06 Datasheet HTML 19Page - SMSC Corporation USB3300_06 Datasheet HTML 20Page - SMSC Corporation USB3300_06 Datasheet HTML 21Page - SMSC Corporation USB3300_06 Datasheet HTML 22Page - SMSC Corporation USB3300_06 Datasheet HTML 23Page - SMSC Corporation USB3300_06 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.06 (07-19-06)
20
SMSC USB3300
DATASHEET
The advantage of a “wrapper less” architecture is that the PHY has a lower USB latency than a design
which must first register signals into the PHY’s wrapper before the transfer to the PHY core. A low
latency PHY allows a Link to use a wrapper around a UTMI Link and still make the required USB turn-
around timing given in the USB 2.0 specification.
RxEndDelay maximum allowed by the UTMI+/ULPI for 8-bit data is 63 high speed clocks. USB3300
uses a low latency high speed receiver path to lower the RxEndDelay to 43 high speed clocks. This
low latency design gives the Link more cycles to make decisions and reduces the Link complexity. This
is the result of the “wrapper less” architecture of the USB3300. This low RxEndDelay should allow
legacy UTMI Links to use a “wrapper” to convert the UTMI+ interface to a ULPI interface.
In Figure 6.2, a single ULPI Protocol Block decodes the ULPI 8-bit bi-directional bus when the Link
addresses the PHY. The Link must use the DIR output to determine direction of the ULPI data bus.
The USB3300 is the “bus arbitrator”. The ULPI Protocol Block will route data/commands to the
transmitter or the ULPI register array.
Figure 6.2 ULPI Digital Block Diagram
Data[7:0]
Interrupt
Control
High Speed TX
Full Speed TX
Low Speed TX
High Speed Data
Recovery
Full / Low Speed
Data Recovery
ULPI Protocol
Block
6pinSerial Mode
XcvrSelect[1:0]
TermSelect
OpMode[1:0]
Reset
SuspendM
3pinSerial Mode
ClockSuspendM
AutoResume
Indicator Complement
Indicator Pass Thru
Interface Protect Disable
IdPullUp
DpPulldown
DmPulldown
DischrgVbus
ChrgVbus
DrvVbus
DrvVbusExternal
UseExternal Vbus Indicator
InterruptEnable Rise[4:0]
InterruptEnableFall[4:0]
InterruptStatus[4:0]
InterruptLatch[4:0]
Linestates[1:0]
VbusValid
SessionValid
SessionEnd
HS Tx Data
FS/LS Tx Data
HS RX Data
FS/LS Data
NOTE:
The USB3300 uses
a wrapperless ULPI
interface.
DIR
NXT
STP
Tx Data
Rx Data
POR
ULPI Register
Array
HostDisconnect
IdGnd
To OTG
Module
Transceiver
Control
Module
To USB
Transceiver
From OTG
Module
To USB
Transceiver
RXD CMD
From USB
Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com