| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29DL324GB40WMFN bảng dữ liệu(PDF) 18 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29DL324GB40WMFN bảng dữ liệu(HTML) 18 Page - SPANSION |
|
18 / 58 page ![]() 16 Am29DL32xG 25686B10 December 4, 2006 D A TA SH EET Note: The address range is A20:A-1 in byte mode (BYTE#=VIL) or A20:A0 in word mode (BYTE#=VIH). The bank address bits are A20–A18 for Am29DL322G, A20 and A19 for Am29DL323G, and A20 for Am29DL324G. Table 6. Bottom Boot Secured Silicon Sector Addresses SA39 100000xxx 64/32 200000h-20FFFFh 100000h–107FFFh SA40 100001xxx 64/32 210000h-21FFFFh 108000h–10FFFFh SA41 100010xxx 64/32 220000h-22FFFFh 110000h–117FFFh SA42 100011xxx 64/32 230000h-23FFFFh 118000h–11FFFFh SA43 100100xxx 64/32 240000h-24FFFFh 120000h–127FFFh SA44 100101xxx 64/32 250000h-25FFFFh 128000h–12FFFFh SA45 100110xxx 64/32 260000h-26FFFFh 130000h–137FFFh SA46 100111xxx 64/32 270000h-27FFFFh 138000h–13FFFFh SA47 101000xxx 64/32 280000h-28FFFFh 140000h–147FFFh SA48 101001xxx 64/32 290000h-29FFFFh 148000h–14FFFFh SA49 101010xxx 64/32 2A0000h-2AFFFFh 150000h–157FFFh SA50 101011xxx 64/32 2B0000h-2BFFFFh 158000h–15FFFFh SA51 101100xxx 64/32 2C0000h-2CFFFFh 160000h–167FFFh SA52 101101xxx 64/32 2D0000h-2DFFFFh 168000h–16FFFFh SA53 101110xxx 64/32 2E0000h-2EFFFFh 170000h–177FFFh SA54 101111xxx 64/32 2F0000h-2FFFFFh 178000h–17FFFFh SA55 111000xxx 64/32 300000h-30FFFFh 180000h–187FFFh SA56 110001xxx 64/32 310000h-31FFFFh 188000h–18FFFFh SA57 110010xxx 64/32 320000h-32FFFFh 190000h–197FFFh SA58 110011xxx 64/32 330000h-33FFFFh 198000h–19FFFFh SA59 110100xxx 64/32 340000h-34FFFFh 1A0000h–1A7FFFh SA60 110101xxx 64/32 350000h-35FFFFh 1A8000h–1AFFFFh SA61 110110xxx 64/32 360000h-36FFFFh 1B0000h–1B7FFFh SA62 110111xxx 64/32 370000h-37FFFFh 1B8000h–1BFFFFh SA63 111000xxx 64/32 380000h-38FFFFh 1C0000h–1C7FFFh SA64 111001xxx 64/32 390000h-39FFFFh 1C8000h–1CFFFFh SA65 111010xxx 64/32 3A0000h-3AFFFFh 1D0000h–1D7FFFh SA66 111011xxx 64/32 3B0000h-3BFFFFh 1D8000h–1DFFFFh SA67 111100xxx 64/32 3C0000h-3CFFFFh 1E0000h–1E7FFFh SA68 111101xxx 64/32 3D0000h-3DFFFFh 1E8000h–1EFFFFh SA69 111110xxx 64/32 3E0000h-3EFFFFh 1F0000h–1F7FFFh SA70 111111xxx 64/32 3F0000h-3FFFFFh 1F8000h–1FFFFFh Device Sector Address A20–A12 Sector Size (Bytes/Words) (x8) Address Range (x16) Address Range Am29DL32xGB 000000xxx 256/128 000000h–0000FFh 00000h–00007Fh Table 5. Bottom Boot Sector Addresses (Continued) Sector Sector Address A20–A12 Sector Size (Kbytes/Kwords) (x8) Address Range (x16) Address Range |